Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL3300BF160Q Datasheet(PDF) 1 Page - E-SWITCH

Part # TL3300BF160Q
Description  TACT SWITCHES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL3300BF160Q Datasheet(HTML) 1 Page - E-SWITCH

  TL3300BF160Q Datasheet HTML 1Page - E-SWITCH TL3300BF160Q Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.e-switch.com
800.867.2717
RoHS
1
Telecommunication
TL3300 SERIES
FEATURES & BENEFITS
Instrumentation
Audio / Visual
Computer Peripherals
APPLICATIONS / MARKETS
Medical
TL
3300
A
- 7.30 (3.8mm Sq.)
C
- 8.50
D
- 4.30
F160
- 160 grams
F260
- 260 grams
F320
- 320 grams
F520
- 520 grams
Q
- Silver
Series
Model
Actuator
(L Dimension)
Force
Plating
Electrical Rating:
50mA, 12VDC
Life Expectancy:
up to 200,000 Cycles
Contact Resistance:
100mΩ Max.
Insulation Resistance:
100MΩ Min. at 500VDC
Dielectric Strength:
250VAC for 1 Minute
Operating Temperature:
-25°C to 70°C
Operating Force:
160gf ± 50gf (200,000 cycles)
260gf ± 50gf (100,000 cycles)
320gf ± 80gf, 520 ± 130gf (50,000 cycles)
Travel:
0.35mm ± 0.10mm
Function:
SPST, Off-(On), Momentary
Specifications subject to change without notice
SPECIFICATIONS
PART NUMBER CONFIGURATOR
• Up to 200,000 cycle life expectancy
• Multiple actuator options
• Multiple force options


Similar Part No. - TL3300BF160Q

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL3301 E-SWITCH-TL3301 Datasheet
229Kb / 2P
   TACT SWITCHES SMT - 6mm x 6mm
TL3302 E-SWITCH-TL3302 Datasheet
187Kb / 2P
   SURFACE MOUNT TACT SWITCHES
TL3302 E-SWITCH-TL3302 Datasheet
168Kb / 2P
   TACT SWITCHES SMT - RECTANGULAR
TL3302AF130QG E-SWITCH-TL3302AF130QG Datasheet
187Kb / 2P
   SURFACE MOUNT TACT SWITCHES
TL3302AF130QG E-SWITCH-TL3302AF130QG Datasheet
168Kb / 2P
   TACT SWITCHES SMT - RECTANGULAR
More results

Similar Description - TL3300BF160Q

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
320 E-SWITCH-320 Datasheet
327Kb / 3P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
   TACT SWITCHES
logo
E-SWITCH
TL1107 E-SWITCH-TL1107 Datasheet
278Kb / 2P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
TP6149T HIGHLY-TP6149T Datasheet
952Kb / 2P
   TACT SWITCHES
logo
E-SWITCH
TL1150 E-SWITCH-TL1150 Datasheet
94Kb / 1P
   TACT SWITCHES
logo
List of Unclassifed Man...
PHAP33 ETC2-PHAP33 Datasheet
403Kb / 14P
   Tact switches
logo
Highly Electric Co., Lt...
PB614 HIGHLY-PB614 Datasheet
2Mb / 5P
   TACT SWITCHES
PB617 HIGHLY-PB617 Datasheet
1Mb / 3P
   TACT SWITCHES
TP6152 HIGHLY-TP6152 Datasheet
1Mb / 3P
   TACT SWITCHES
TP617 HIGHLY-TP617 Datasheet
823Kb / 2P
   TACT SWITCHES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com