Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7MBR50SD120 Datasheet(PDF) 6 Page - Fuji Electric

Part # 7MBR50SD120
Description  PIM/Built-in converter with thyristor and brake
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBR50SD120 Datasheet(HTML) 6 Page - Fuji Electric

  7MBR50SD120 Datasheet HTML 1Page - Fuji Electric 7MBR50SD120 Datasheet HTML 2Page - Fuji Electric 7MBR50SD120 Datasheet HTML 3Page - Fuji Electric 7MBR50SD120 Datasheet HTML 4Page - Fuji Electric 7MBR50SD120 Datasheet HTML 5Page - Fuji Electric 7MBR50SD120 Datasheet HTML 6Page - Fuji Electric 7MBR50SD120 Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IGBT Module
7MBR50SD120
01
2
3
45
0
10
20
30
40
50
60
8V
10V
12V
15V
VGE= 20V
[ Brake ]
Collector current vs. Collector-Emitter voltage
Tj= 25°C (typ.)
Collector - Emitter voltage : VCE [ V ]
01
2
3
45
0
10
20
30
40
50
60
8V
10V
12V
15V
VGE= 20V
[ Brake ]
Collector current vs. Collector-Emitter voltage
Tj= 125°C (typ.)
Collector - Emitter voltage : VCE [ V ]
01
2
3
45
0
10
20
30
40
50
60
Tj= 25°C
Tj= 125°C
[ Brake ]
Collector current vs. Collector-Emitter voltage
VGE=15V (typ.)
Collector - Emitter voltage : VCE [ V ]
5
10152025
0
2
4
6
8
10
Ic= 12.5A
Ic= 25A
Ic= 50A
[ Brake ]
Collector-Emitter voltage vs. Gate-Emitter voltage
Tj= 25°C (typ.)
Gate - Emitter voltage : VGE [ V ]
0
5
10
15
20
25
30
35
100
1000
10000
[ Brake ]
Capacitance vs. Collector-Emitter voltage (typ.)
VGE=0V, f= 1MHz, Tj= 25°C
Collector - Emitter voltage : VCE [ V ]
Coes
Cres
Cies
0
50
100
150
200
250
0
200
400
600
800
1000
[ Brake ]
Dynamic Gate charge (typ.)
Vcc=600V, Ic=25A, Tj= 25°C
Gate charge : Qg [ nC ]
0
5
10
15
20
25


Similar Part No. - 7MBR50SD120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7MBR50SD120 ETC1-7MBR50SD120 Datasheet
430Kb / 7P
   PIM/Built-in converter with thyristor and brake (S series)
More results

Similar Description - 7MBR50SD120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR25SC120 FUJI-7MBR25SC120_04 Datasheet
703Kb / 7P
   PIM/Built-in converter with thyristor and brake
7MBR50SC060 FUJI-7MBR50SC060 Datasheet
283Kb / 7P
   PIM/Built-in converter with thyristor and brake
7MBR35SD120 FUJI-7MBR35SD120_04 Datasheet
289Kb / 7P
   PIM/Built-in converter with thyristor and brake
7MBR100SD060 FUJI-7MBR100SD060 Datasheet
428Kb / 7P
   PIM/Built-in converter with thyristor and brake (600V / 100A / PIM)
7MBR75SD060 FUJI-7MBR75SD060 Datasheet
427Kb / 7P
   PIM/Built-in converter with thyristor and brake (600V / 75A / PIM)
logo
List of Unclassifed Man...
7MBR50SD120 ETC1-7MBR50SD120 Datasheet
430Kb / 7P
   PIM/Built-in converter with thyristor and brake (S series)
logo
Fuji Electric
7MBR10SC120 FUJI-7MBR10SC120 Datasheet
416Kb / 7P
   PIM/Built-in converter with thyristor and brake (S series) 1200V / 10A / PIM
7MBR25SC120 FUJI-7MBR25SC120 Datasheet
422Kb / 7P
   PIM/Built-in converter with thyristor and brake (S series) 1200V / 25A / PIM
7MBR30SC060 FUJI-7MBR30SC060 Datasheet
429Kb / 7P
   PIM/Built-in converter with thyristor and brake (S series) 600V / 30A / PIM
7MBR35SD120 FUJI-7MBR35SD120 Datasheet
420Kb / 7P
   PIM/Built-in converter with thyristor and brake (S series) 1200V / 35A / PIM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com