Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNT12S0A0S05NFA Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # DNT12S0A0S05NFA
Description  Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.5Vo, 3A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNT12S0A0S05NFA Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  DNT12S0A0S05NFA Datasheet HTML 1Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 2Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 3Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 4Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 5Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 6Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 7Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 8Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DS_DNT12SMD03_06252007
4
ELECTRICAL CHARACTERISTICS CURVES
Figure 7: Output ripple & noise at 12Vin, 5.0V/3A out
pk-pk :45.8mV, rms :17.8mV (50mV/div,2uS/div)
Figure 8: Output ripple & noise at 12Vin, 3.3V/3A out
pk-pk :37.5mV, rms :11.6mV (50mV/div,2uS/div)
Figure 9: Output ripple & noise at 12Vin, 2.5V/3A out
pk-pk:33.3mV, rms:9.4mV (50mV/div, 2uS/div)
Figure 10: Output ripple & noise at 12Vin, 1.2V/3A out
pk-pk: 18.7mV, rms: 3.9mV (50mV/div, 2uS/div)
Figure 11: Turn on delay time at 12Vin, 5.0V/3A out
(5mS/div)
Top trace: Vout, 5V/div; Bottom trace: Vin, 10V/div
Figure 12: Turn on delay time at Remote On/Off, 5.0V/3A
out (5mS/div).
Top trace: Vout, 5V/div; Bottom trace: On/Off, 5.0V/div.


Similar Part No. - DNT12S0A0S05NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNT12S0A0S05NFA DELTA-DNT12S0A0S05NFA Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DNT12S0A0S05NFA DELTA-DNT12S0A0S05NFA Datasheet
451Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNT12S0A0S05NFA DELTA-DNT12S0A0S05NFA Datasheet
461Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNT12S0A0S05NFA DELTA-DNT12S0A0S05NFA Datasheet
625Kb / 13P
   Standard footprint and pinout
DNT12S0A0S05NFA DELTA-DNT12S0A0S05NFA Datasheet
631Kb / 12P
   Fixed frequency operation
More results

Similar Description - DNT12S0A0S05NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA_13 Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DNL10S0A0R16PFD DELTA-DNL10S0A0R16PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNT12S0A0R05NFA DELTA-DNT12S0A0R05NFA Datasheet
451Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNT12S0A0S05NFA DELTA-DNT12S0A0S05NFA Datasheet
461Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
567Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S20NFD DELTA-DNL10S0A0S20NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
639Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNL10S0A0R20PFD DELTA-DNL10S0A0R20PFD Datasheet
624Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNM10S0A0S10PFD DELTA-DNM10S0A0S10PFD Datasheet
652Kb / 14P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/10A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com