Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRD1601-120W Datasheet(PDF) 10 Page - Cirrus Logic

Part # CRD1601-120W
Description  High-efficiency PFC Fluorescent Lamp Driver Reference Design
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CRD1601-120W Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CRD1601-120W Datasheet HTML 4Page - Cirrus Logic CRD1601-120W Datasheet HTML 5Page - Cirrus Logic CRD1601-120W Datasheet HTML 6Page - Cirrus Logic CRD1601-120W Datasheet HTML 7Page - Cirrus Logic CRD1601-120W Datasheet HTML 8Page - Cirrus Logic CRD1601-120W Datasheet HTML 9Page - Cirrus Logic CRD1601-120W Datasheet HTML 10Page - Cirrus Logic CRD1601-120W Datasheet HTML 11Page - Cirrus Logic CRD1601-120W Datasheet HTML 12Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CRD1601-120W
10
DS931RD3
5. PERFORMANCE PLOTS
.95
.96
.97
.98
.99
1.00
100
120
140
160
180
200
220
240
260
280
300
Input Voltage (VAC)
0%
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
100
120
140
160
180
200
220
240
260
280
300
Input Voltage (VAC)
Figure 8. Power Factor vs. AC Input Voltage
Figure 9. THD vs. AC Input Voltage


Similar Part No. - CRD1601-120W

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD1600-120W CIRRUS-CRD1600-120W Datasheet
59Kb / 1P
   CS1600 120W, High-efficiency PFC Fluorescent Lamp Driver Reference Design
More results

Similar Description - CRD1601-120W

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD1600-120W CIRRUS-CRD1600-120W Datasheet
59Kb / 1P
   CS1600 120W, High-efficiency PFC Fluorescent Lamp Driver Reference Design
logo
Monolithic Power System...
HR2000 MPS-HR2000 Datasheet
992Kb / 20P
   Fluorescent Lamp HB Driver with PFC
logo
Cirrus Logic
CRD1500-90WLLC CIRRUS-CRD1500-90WLLC Datasheet
101Kb / 1P
   CS1500 90W, High-efficiency PFC w/ LLC Resonant Converter Reference Design
logo
NXP Semiconductors
AN10958 PHILIPS-AN10958_15 Datasheet
2Mb / 56P
   Fluorescent lamp driver with PFC using the UBA2015/16 family
Rev. 2-9 August 2012
logo
Texas Instruments
UC1871-12 TI1-UC1871-12 Datasheet
1,014Kb / 14P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
UC1871 TI-UC1871 Datasheet
466Kb / 6P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
logo
NXP Semiconductors
UBA2016A_1111 PHILIPS-UBA2016A_1111 Datasheet
381Kb / 42P
   600 V fluorescent lamp driver with PFC, linear dimming and boost function
Rev. 3-16 November 2011
UBA2016A PHILIPS-UBA2016A Datasheet
375Kb / 42P
   600 V fluorescent lamp driver with PFC, linear dimming and boost function
Rev. 1-20 May 2011
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
   Cold Cathode Fluorescent Lamp Driver
MP1011A MPS-MP1011A Datasheet
128Kb / 6P
   Cold Cathode Fluorescent Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com