Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRD1601-120W Datasheet(PDF) 9 Page - Cirrus Logic

Part # CRD1601-120W
Description  High-efficiency PFC Fluorescent Lamp Driver Reference Design
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CRD1601-120W Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CRD1601-120W Datasheet HTML 4Page - Cirrus Logic CRD1601-120W Datasheet HTML 5Page - Cirrus Logic CRD1601-120W Datasheet HTML 6Page - Cirrus Logic CRD1601-120W Datasheet HTML 7Page - Cirrus Logic CRD1601-120W Datasheet HTML 8Page - Cirrus Logic CRD1601-120W Datasheet HTML 9Page - Cirrus Logic CRD1601-120W Datasheet HTML 10Page - Cirrus Logic CRD1601-120W Datasheet HTML 11Page - Cirrus Logic CRD1601-120W Datasheet HTML 12Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CRD1601-120W
DS931RD3
9


Similar Part No. - CRD1601-120W

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD1600-120W CIRRUS-CRD1600-120W Datasheet
59Kb / 1P
   CS1600 120W, High-efficiency PFC Fluorescent Lamp Driver Reference Design
More results

Similar Description - CRD1601-120W

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD1600-120W CIRRUS-CRD1600-120W Datasheet
59Kb / 1P
   CS1600 120W, High-efficiency PFC Fluorescent Lamp Driver Reference Design
logo
Monolithic Power System...
HR2000 MPS-HR2000 Datasheet
992Kb / 20P
   Fluorescent Lamp HB Driver with PFC
logo
Cirrus Logic
CRD1500-90WLLC CIRRUS-CRD1500-90WLLC Datasheet
101Kb / 1P
   CS1500 90W, High-efficiency PFC w/ LLC Resonant Converter Reference Design
logo
NXP Semiconductors
AN10958 PHILIPS-AN10958_15 Datasheet
2Mb / 56P
   Fluorescent lamp driver with PFC using the UBA2015/16 family
Rev. 2-9 August 2012
logo
Texas Instruments
UC1871-12 TI1-UC1871-12 Datasheet
1,014Kb / 14P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
UC1871 TI-UC1871 Datasheet
466Kb / 6P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
logo
NXP Semiconductors
UBA2016A_1111 PHILIPS-UBA2016A_1111 Datasheet
381Kb / 42P
   600 V fluorescent lamp driver with PFC, linear dimming and boost function
Rev. 3-16 November 2011
UBA2016A PHILIPS-UBA2016A Datasheet
375Kb / 42P
   600 V fluorescent lamp driver with PFC, linear dimming and boost function
Rev. 1-20 May 2011
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
   Cold Cathode Fluorescent Lamp Driver
MP1011A MPS-MP1011A Datasheet
128Kb / 6P
   Cold Cathode Fluorescent Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com