Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N2484 Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part No. 2N2484
Description  Type 2N2484 Geometry 0220 / 0307 Polarity NPN
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMICOA [Semicoa Semiconductor]
Homepage  http://www.semicoa.com/
Logo 

2N2484 Datasheet(HTML) 2 Page - Semicoa Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data Sheet No. 2N2484
OFF Characteristics
Symbol
Min
Max
Unit
Collector-Base Breakdown Voltage
IC = 10 µA
Collector-Emitter Breakdown Voltage
IC = 10 mA
Emitter-Base Breakdown Voltage
IE = 10 µA
Collector-Base Cutoff Current
VCB = 45 V
ICBO1
---
5
nA
VCB = 45 V, TA = +150
oC
ICBO2
---
10
µA
Emitter-Base Cutoff Current
VEB = 5.0 V
Collector-Emitter Cutoff Current
VCE = 5 V
ICEO
---
2
nA
VCE =45 V
ICES
---
5
nA
---
2
V(BR)CEO
60
---
V(BR)EBO
6.0
---
nA
V
Electrical Characteristics
TC = 25
oC unless otherwise specified
V
V
V(BR)CBO
60
---
IEBO
ON Characteristics
Symbol
Min
Max
Unit
DC Current Gain
IC = 1 µA, VCE = 5 V
hFE1
45
---
---
IC = 10 µA, VCE = 5 V
hFE2
200
500
---
IC = 100 µA, VCE = 5 V
hFE3
225
675
---
IC = 500 µA, VCE = 5 V
hFE4
250
800
---
IC = 1 mA, VCE = 5 V
hFE5
250
800
---
IC = 10 mA, VCE = 5 V (pulsed)
hFE6
225
800
---
IC = 10 µA, VCE = 5 V, TA = -55
oC
hFE7
35
---
---
Collector-Emitter Saturation Voltage Saturated
IC = 150 mA, IB = 100 µA
VCE(sat)
---
0.3
V dc
Base-Emitter Saturation Voltage Non Saturated
VCE = 5 V, IC = 100 µA
VBE
0.5
0.7
V dc


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn