Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

2N2219AL Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part No. 2N2219AL
Description  Type 2N2219AL Geometry 0400 Polarity NPN
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMICOA [Semicoa Semiconductor]
Homepage  http://www.semicoa.com/
Logo 

2N2219AL Datasheet(HTML) 2 Page - Semicoa Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet No. 2N2219AL
OFF Characteristics
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
IC = 10 µA
Collector-Emitter Breakdown Voltage
IC = 10 mA
Emitter-Base Breakdown Voltage
IC = 10 µA
Collector-Emitter Cutoff Current
VCE = 50 V
Collector-Base Cutoff Current
VCB = 60 V
Emitter-Base Cutoff Current
VEB = 4 V
ICBO1
---
10
2.0
IEBO
---
10
0.5
ICES
---
50
3.0
V(BR)EBO
6.0
---
7.0
---
120
V(BR)CEO
50
---
65
nA
nA
V
Electrical Characteristics
TC = 25
oC unless otherwise specified
V
V
nA
V(BR)CBO
75
ON Characteristics
Symbol
Min
Typ
Max
Unit
DC Current Gain
IC = 100 µA, VCE = 10 V
hFE1
50
180
---
---
IC = 1.0 mA, VCE = 10 V
hFE2
75
200
325
---
IC = 10 mA, VCE = 10 V
hFE3
100
200
---
---
IC = 150 mA, VCE = 10 V (pulse test)
hFE4
100
200
300
---
IC = 500 mA, VCE = 10 V (pulse test)
hFE5
30
75
---
---
Collector-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA (pulse test)
VCE(sat)1
---
0.1
0.3
V dc
IC = 500 mA, IB = 50 mA (pulse test)
VCE(sat)2
---
0.3
1.0
V dc
Base-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA (pulse test)
VBE(sat)1
0.6
0.85
1.2
V dc
IC = 500 mA, IB = 50 mA (pulse test)
VBE(sat)2
---
1.0
2.0
V dc
Switching Characteristics
Symbol
Min
Typ
Max
Unit
Saturated Turn On Switching Time to 90%
16V, 50 ohm input pulse
Saturated Turn Off Switching Time to 10%
16V, 50 ohm input pulse
ns
tOFF
---
175
300
ns
tON
---
14
35
Small Signal Characteristics
Symbol
Min
Typ
Max
Unit
Short Circuit Forward Current Transfer Ratio
IC = 1 mA, VCE = 10 V, f = 1kHz
Open Circuit Output Capacitance
VCB = 10 V, IE = 0 V, 100 kHz < f < 1 MHz
Input Capacitance, Output Open Circuited
VEB = 0.5 V, IC = 0, 100 kHz < f < 1 MHz
pF
COBO
---
4.5
8
pF
AC hFE
50
240
---
CIBO
---
17.5
25
---


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2C2222AChip Type 2C2222A Geometry 0400 Polarity NPN 1 Semicoa Semiconductor
2N2219AType 2N2219A Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor
2N2222AType 2N2222A Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor
2N2222AUBType 2N2222AUB Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor
2N6989Type 2N6989 Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor
2C3501Chip Type 2C3501 Geometry 5620 Polarity NPN 1 Semicoa Semiconductor
2N2857Type 2N2857 Geometry 0011 Polarity NPN 1 2 Semicoa Semiconductor
2N3499Type 2N3499 Geometry 5620 Polarity NPN 1 2 Semicoa Semiconductor
2N5004Type 2N5004 Geometry 9202 Polarity NPN 1 2 Semicoa Semiconductor
2N918Type 2N918 Geometry 0013 Polarity NPN 1 2 Semicoa Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn