Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N1893 Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part No. 2N1893
Description  Type 2N1893 Geometry 4500 Polarity NPN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N1893 Datasheet(HTML) 2 Page - Semicoa Semiconductor

  2N1893 Datasheet HTML 1Page - Semicoa Semiconductor 2N1893 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet No. 2N1893
OFF Characteristics
Symbol
Min
Max
Unit
Collector-Base Breakdown Voltage
IC = 100 µA, pulsed
Collector-Emitter Breakdown Voltage
IC = 30 mA, pulsed
Emitter-Base Breakdown Voltage
IE = 10 µA
Collector-Base Cutoff Current
VCB = 90 V
Collector-Base Cutoff Current
VCB = 90 V, TA = 150
oC
Emitter-Base Cutoff Current
VEB = 6 V
Electrical Characteristics
TC = 25
oC unless otherwise specified
V(BR)CBO
120
---
V
V(BR)CEO
80
---
V
---
V(BR)EBO
7.0
---
ICBO1
---
10
nA
IEBO
---
10
nA
ICBO2
---
15
µA
ON Characteristics
Symbol
Min
Max
Unit
Forward C
urrentTrans
ferRa
tio
IC = 0.1 mA, VCE = 10 V, pulsed
hFE1
20
---
---
IC = 10 mA, VCE = 10 V, pulsed
hFE2
35
---
---
IC = 150 mA, VCE = 10 V, pulsed
hFE3
40
120
---
Base-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA, pulsed
VBE(sat)1
---
1.3
V dc
Collector-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA, pulsed
VCE(sat)1
---
5.0
V dc
Small Signal Characteristics
Symbol
Min
Max
Unit
Magnitude of Common Emitter, Small Signal, Short Circuit
Forward Current Transfer Ratio
VCE = 5 V, IC = 1 mA, f = 20 MHz
Small Signal, Short Circuit
Forward Current Transfer Ratio
VCE = 5 V, IC = 5 mA
Small Signal, Short Circuit
Forward Current Transfer Ratio
VCE = 10 V, IC = 10 mA, f = 1 kHz
Small Signal, Short Circuit Input Impedance
VCB = 10 V, IC = 5 mA
Small Signal, Open Circuit Output Admittance
VCB = 10 V, IC = 5.0 mA
Small signal, Open Circuit reverse Voltage Transfer Ratio
VCB = 10 V, IC = 5 mA
Open Circuit Output Capacitance
VCB = 10 V, IE = 0, 100 kHz < f < 1 MHz
Pulse Response
See Test Condition in MIL-S-19500/182D
ton + toff
---
30
ns
COBO
5.0
15
pF
hrb
---
1.5x10
-4
---
|hFE|
3.0
10
---
Ohms
hob
0
0.5
µOhms
hib
4.0
8.0
hFE
35
100
---
hFE
45
---
---


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
2C1893 Chip Type 2C1893 Geometry 4500 Polarity NPN 1  Semicoa Semiconductor
2N1893S Type 2N1893S Geometry 4500 Polarity NPN 1  2  Semicoa Semiconductor
2N3019 Type 2N3019 Geometry 4500 Polarity NPN 1  2  Semicoa Semiconductor
2N3019S Type 2N3019S Geometry 4500 Polarity NPN 1  2  Semicoa Semiconductor
2N3057A Type 2N3057A Geometry 4500 Polarity NPN 1  2  Semicoa Semiconductor
2N3700 Type 2N3700 Geometry 4500 Polarity NPN 1  2  Semicoa Semiconductor
2N3700UB Type 2N3700UB Geometry 4500 Polarity NPN 1  2  Semicoa Semiconductor
2C5109 Chip Type 2C5109 Geometry 1007 Polarity NPN 1  Semicoa Semiconductor
2N3507L Type 2N3507L Geometry 1506 Polarity NPN 1  2  Semicoa Semiconductor
2N4150S Type 2N4150S Geometry 9201 Polarity NPN 1  2  Semicoa Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn