Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N1893 Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part No. 2N1893
Description  Type 2N1893 Geometry 4500 Polarity NPN
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMICOA [Semicoa Semiconductor]
Homepage  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N1893 Datasheet(HTML) 1 Page - Semicoa Semiconductor

  2N1893 Datasheet HTML 1Page - Semicoa Semiconductor 2N1893 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type 2N1893
Geometry 4500
Polarity NPN
Qual Level: JAN - JANTXV
Data Sheet No. 2N1893
Generic Part Number:
2N1893
REF: MIL-PRF-19500/182
Features:
• General-purpose low-power NPN
silicon transistor.
• Housed in TO-5 case.
• Also available in chip form using
the 4500 chip geometry.
• The Min and Max limits shown are
per MIL-PRF-19500/182 which
Semicoa meets in all cases.
Rating
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
80
V
Collector-Base Voltage
VCBO
120
V
Emitter-Base Voltage
VEBO
7.0
V
Collector - Emitter Voltage, RBE = 10 Ohms
VCER
100
V
Collector Current, Continuous
IC
500
mA
Power Dissipation, TA = 25
oC
0.8
mW
Derate above 25
oC
4.57
mW/
oC
Power Dissipation, TC = 25
oC
3.0
mW
Derate above 25
oC
17.2
mW/
oC
Operating Junction Temperature
TJ
-55 to +200
oC
PT
Maximum Ratings
TC = 25
oC unless otherwise specified
PT
TO -5


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2C1893Chip Type 2C1893 Geometry 4500 Polarity NPN 1 Semicoa Semiconductor
2N1893SType 2N1893S Geometry 4500 Polarity NPN 1 2 Semicoa Semiconductor
2N3019Type 2N3019 Geometry 4500 Polarity NPN 1 2 Semicoa Semiconductor
2N3019SType 2N3019S Geometry 4500 Polarity NPN 1 2 Semicoa Semiconductor
2N3057AType 2N3057A Geometry 4500 Polarity NPN 1 2 Semicoa Semiconductor
2N3700Type 2N3700 Geometry 4500 Polarity NPN 1 2 Semicoa Semiconductor
2N3700UBType 2N3700UB Geometry 4500 Polarity NPN 1 2 Semicoa Semiconductor
2C5109Chip Type 2C5109 Geometry 1007 Polarity NPN 1 Semicoa Semiconductor
2N3507LType 2N3507L Geometry 1506 Polarity NPN 1 2 Semicoa Semiconductor
2N4150SType 2N4150S Geometry 9201 Polarity NPN 1 2 Semicoa Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn