Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KDV262 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KDV262
Description  SILICON EPITAXIAL PLANAR DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDV262 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KDV262 Datasheet HTML 1Page - KEC(Korea Electronics) KDV262 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KDV262
2/2
2003. 10. 16
Revision No : 2
-40
AMBIENT TEMPERATURE Ta ( C)
C - Ta
R
REVERSE VOLTAGE V
(V)
C
- VR
0
1
50
10
5
Ta=25 C
FREQUENCY f (MHz)
300
100
0
50
500
V =5V
Ta=25 C
R
-2
V
10
20
30
f=1MHz
0.1p
0
REVERSE VOLTAGE V (V)
R
I
- V
RR
8
1p
10p
100p
1000p
Ta=75
C
Ta=50
C
Ta=25
C
16
24
32
r
- V
R
REVERSE VOLTAGE V
(V)
13
10
30
0
R
5
f=470MHz
Ta=25 C
s
0.2
0.4
0.6
0.8
1.0
0.2
0.4
0.6
0.8
1.0
r
- f
s
-20
0
20
40
60
80
-1
0
1
2
3
f=1MHz
V =2V
R
10V
20V
25V


Similar Part No. - KDV262

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDV262 KEC-KDV262 Datasheet
73Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(CATV TUNING)
logo
Guangdong Kexin Industr...
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDV262E KEC-KDV262E Datasheet
71Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(CATV TUNING)
KDV262E KEC-KDV262E Datasheet
81Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV262E KEC-KDV262E_03 Datasheet
81Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - KDV262

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com