Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2C2907A Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part # 2C2907A
Description  Chip Type 2C2907A Geometry 0600 Polarity PNP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2C2907A Datasheet(HTML) 1 Page - Semicoa Semiconductor

  2C2907A Datasheet HTML 1Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chip Type 2C2907A
Geometry 0600
Polarity PNP
Data Sheet No. 2C2907A
Generic Packaged Parts:
2N2905, 2N2905A, 2N2907,
2N2907A
Chip type 2C2907A by Semicoa
Semiconductors
provides
perfor-
mance similar to these devices.
Product Summary:
Part Numbers:
2N2905, 2N2905A, 2N2905AL, 2N2907, 2N2907A,
2N2907AUB, SD2907A, SD2907AF, SQ2907A,
SQ2907AF, 2N3486, 2N3486A, 2N6987, 2N6989
APPLICATIONS: Designed for gen-
eral purpose switching and amplifier
applications.
Features:
Radiation graphs available
Top
Al - 18 kÅ min.
Backside
Au - 6.5 kÅ nom.
Emitter
4.0 mils x 4.0 mils
Base
4.0 mils x 4.0 mils
Die Thickness
Chip Area
Top Surface
20 mils x 20 mils
Silox Passivated
Mechanical Specifications
Metallization
Bonding Pad Size
8 mils nominal
Parameter
Test conditions
Min
Max
Unit
BVCEO
IC = 10 mA, IB = 0
60
---
V dc
BVCBO
IC = 10 µA, IE = 0
60
---
V dc
BVEBO
IE = 10 µA, IC = 0
5.0
---
V dc
ICBO
VCB = 50 V, IE = 0
---
10
nA
hFE
IC = 150 mA dc, VCE = 10 V
100
300
---
Electrical Characteristics
TA = 25
oC
Due to limitations of probe testing, only dc parameters are tested. This must be done with pulse width less
than 300 µs, duty cycle less than 2%.


Similar Part No. - 2C2907A

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2C2904A SEMICOA-2C2904A Datasheet
29Kb / 1P
   Chip Type 2C2904A Geometry 0600 Polarity PNP
More results

Similar Description - 2C2907A

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2C2904A SEMICOA-2C2904A Datasheet
29Kb / 1P
   Chip Type 2C2904A Geometry 0600 Polarity PNP
2N2907A SEMICOA-2N2907A Datasheet
45Kb / 2P
   Type 2N2907A Geometry 0600 Polarity PNP
2N3485A SEMICOA-2N3485A Datasheet
45Kb / 2P
   Type 2N3485A Geometry 0600 Polarity PNP
2N6987 SEMICOA-2N6987 Datasheet
69Kb / 2P
   Type 2N6987 Geometry 0600 Polarity PNP
2N6988 SEMICOA-2N6988 Datasheet
71Kb / 2P
   Type 2N6988 Geometry 0600 Polarity PNP
2N2907AUB SEMICOA-2N2907AUB Datasheet
47Kb / 2P
   Type 2N2907AUB Geometry 0600 Polarity PNP
2N3486A SEMICOA-2N3486A Datasheet
45Kb / 2P
   Type 2N3486A Geometry 0600 Polarity PNP
2N2905A SEMICOA-2N2905A Datasheet
46Kb / 2P
   Type 2N2905A Geometry 0600 Polarity PNP
2N2905AL SEMICOA-2N2905AL Datasheet
45Kb / 2P
   Type 2N2905AL Geometry 0600 Polarity PNP
2C3019 SEMICOA-2C3019 Datasheet
31Kb / 1P
   Chip Type 2C3019 Geometry 4500 Polarity PNP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com