Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3474-01 Datasheet(PDF) 1 Page - Fuji Electric

Part # 2SK3474-01
Description  N-CHANNEL SILICON POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3474-01 Datasheet(HTML) 1 Page - Fuji Electric

  2SK3474-01 Datasheet HTML 1Page - Fuji Electric 2SK3474-01 Datasheet HTML 2Page - Fuji Electric 2SK3474-01 Datasheet HTML 3Page - Fuji Electric 2SK3474-01 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Item
Symbol
Ratings
Unit
Remarks
Drain-source voltage
VDS
150
VDSX
120
Continuous drain current
ID
±33
±4.1
*4
Pulsed drain current
ID(puls]
±132
Gate-source voltage
VGS
±30
Repetitive or non-repetitive
IAR
*2
33
Maximum Avalanche Energy
EAS
*1
169
Maximum Drain-Source dV/dt
dVDS/dt
20
Peak Diode Recovery dV/dt
dV/dt *3
5
Max. power dissipation
PD
2.4
*4
150
Operating and storage
Tch
+150
temperature range
Tstg
Electrical characteristics atTc =25°C ( unless otherwise specified)
Thermalcharacteristics
2SK3474-01
FUJI POWER MOSFET200303
N-CHANNEL SILICON POWER MOSFET
Features
High speed switching
Low on-resistance
No secondary breadown
Low driving power
Avalanche-proof
Applications
for Switching
Absolute Maximum Ratings at Tc=25°C
( unless otherwise specified)
Item
Symbol
Test Conditions
Zero gate voltage drain current
IDSS
VDS=150V VGS=0V
VDS=120V VGS=0V
VGS=±30V
ID=11.5A
VGS=10V
ID=11.5A
VDS=25V
VCC=48V ID=11.5A
VGS=10V
RGS=10
Min.
Typ.
Max.
Units
V
V
µA
nA
m
S
pF
nC
A
V
µs
µC
ns
Min.
Typ.
Max.
Units
Thermal resistance
Rth(ch-c)
channel to case
Rth(ch-a)
channel to ambient
Rth(ch-a)
*4
channel to ambient
0.833
87.0
52.0
°C/W
°C/W
°C/W
Symbol
V(BR)DSS
VGS(th)
IGSS
RDS(on)
gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
QG
QGS
QGD
IAV
VSD
trr
Qrr
Item
Drain-source breakdown voltaget
Gate threshold voltage
Gate-source leakage current
Drain-source on-state resistance
Forward transcondutance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on time ton
Turn-off time toff
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Avalanche capability
Diode forward on-voltage
Reverse recovery time
Reverse recovery charge
Test Conditions
ID=250µA
VGS=0V
ID= 250µA
VDS=VGS
Tch=25°C
Tch=125°C
VDS=0V
VDS=75V
VGS=0V
f=1MHz
VCC=48V
ID=23A
VGS=10V
L=228 µH Tch=25°C
IF=23A VGS=0V Tch=25°C
IF=23A VGS=0V
-di/dt=100A/µs
Tch=25°C
V
V
A
A
A
V
A
mJ
kV/µs
kV/µs
W
W
°C
°C
150
3.0
5.0
25
250
10
100
54
70
816
1500
1730
200
300
17
26
13
20
15
23
34
51
15
23
34
51
9
13.5
12.5
19
33
1.10
1.60
0.13
0.6
-55 to +150
Outline Drawings [mm]
Equivalent circuit schematic
Super FAP-G Series
Foot Print Pattern
(1) Gate(G)
(3) Source(S)
[power line]
(4) Drain(D)
(2) Source(S)
[signal line]
VGS=30V
Ta=25°C
VDS 150V
Ta=25°C
=
<
*4 Surface mounted on 1000mm2, t=1.6mm FR-4 PCB(Drain pad area:500mm2)
*3 IF -ID, -di/dt=50A/µs, Vcc BVDSS, Tch 150°C
=
<
=
<
=
<
*1 L=0.228mH, Vcc=48V, See to Avalanche Energy Graph
*2 Tch 150°C
=
<


Similar Part No. - 2SK3474-01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3471 TOSHIBA-2SK3471 Datasheet
104Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3471 TOSHIBA-2SK3471 Datasheet
154Kb / 3P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SK3471 TOSHIBA-2SK3471 Datasheet
149Kb / 3P
   Switching Regulator and DC-DC Converter Applications
2SK3471 TOSHIBA-2SK3471 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3471 TOSHIBA-2SK3471_06 Datasheet
154Kb / 3P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
More results

Similar Description - 2SK3474-01

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com