Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2687-01 Datasheet(PDF) 1 Page - Fuji Electric

Part # 2SK2687-01
Description  N-CHANNEL SILICON POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK2687-01 Datasheet(HTML) 1 Page - Fuji Electric

  2SK2687-01 Datasheet HTML 1Page - Fuji Electric 2SK2687-01 Datasheet HTML 2Page - Fuji Electric 2SK2687-01 Datasheet HTML 3Page - Fuji Electric 2SK2687-01 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Item
Symbol
Rating
Unit
Remarks
Drain-source voltage
VDS
30
Continuous drain current
ID
±50
Pulsed drain current
ID[puls]
±200
Gate-source peak voltage
VGS
±16
Maximum avalanche energy
EAV
520
Maximum power dissipation
PD
60
Operating and storage
Tch
+150
temperature range
Tstg
2SK2687-01
FUJI POWER MOSFET
N-CHANNEL SILICON POWER MOSFET
Equivalent circuit schematic
Maximum ratings and characteristics
Absolute maximum ratings (Tc=25°C unless otherwise specified)
V
A
A
V
mJ
W
°C
°C
-55 to +150
FAP-IIIB SERIES
Electrical characteristics (Tc =25°C unless otherwise specified)
Thermal characteristics
Item
Symbol
Zero gate voltage drain current
IDSS
Min.
Typ.
Max.
Units
V
V
µA
mA
nA
m
m
S
pF
ns
A
V
ns
µC
Min.
Typ.
Max.
Units
Thermal resistance
Rth(ch-c)
Rth(ch-a)
2.08
75.0
°C/W
°C/W
Symbol
V(BR)DSS
VGS(th)
IGSS
RDS(on)
gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
IAV
VSD
trr
Qrr
Test Conditions
ID=1mA
VGS=0V
ID=1mA
VDS=VGS
VDS=30V
VGS=0V
Tch=25°C
Tch=125°C
VGS=±16V VDS=0V
ID=25A
VGS=10V
ID=25A
VDS=25V
VDS=25V
VGS=0V
f=1MHz
VCC=15V RG=10
ID=50A
VGS=10V
L=100
µH
Tch=25°C
IF=2xIDR VGS=0V Tch=25°C
IF=2xIDR VGS=0V
-di/dt=100A/
µs Tch=25°C
30
1.0
1.5
2.0
10
500
0.2
1.0
10
100
12
17
7.5
10
22
45
2750
4130
1300
1950
600
900
13
20
55
83
180
270
150
230
50
1.14
1.71
85
130
0.17
Gate(G)
Source(S)
Drain(D)
Outline Drawings
Features
High speed switching
Low on-resistance
No secondary breakdown
Low driving power
High voltage
Avalanche-proof
Applications
Switching regulators
DC-DC converters
General purpose power amplifier
www.fujielectric.co.jp/fdt/scd
*1 L=0.277mH, Vcc=12V
Item
Drain-source breakdown voltage
Gate threshold voltage
Gate-source leakage current
Drain-source on-state resistance
Forward transconductance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on time
Turn-off time
Avalanche capability
Diode forward on-voltage
Reverse recovery time
Reverse recovery charge
TO-220AB
*1
VGS=4V
VGS=10V


Similar Part No. - 2SK2687-01

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK2687-01 FUJI-2SK2687-01 Datasheet
225Kb / 3P
   N-channel MOS-FET
More results

Similar Description - 2SK2687-01

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com