Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2C1893 Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part No. 2C1893
Description  Chip Type 2C1893 Geometry 4500 Polarity NPN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2C1893 Datasheet(HTML) 1 Page - Semicoa Semiconductor

  2C1893 Datasheet HTML 1Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Chip Type 2C1893
Geometry 4500
Polarity NPN
Data Sheet No. 2C1893
Generic Packaged Parts:
2N1893, 2N1893S
Chip type 2C1893 by Semicoa Semi-
conductors provides performance
similar to these devices.
Product Summary:
Part Numbers:
2N1893, 2N1893S, 2N1893UB, SD1893,
SD1893F, SQ1893, SQ1893F
APPLICATIONS: Designed for medium
power amplifier and switching applica-
tions.
Features:
• Medium power ratings
Top
Al - 12 kÅ min.
Backside
Au - 6.5 kÅ nom.
Emitter
2.3 mils x 7.0 mils
Base
5.0 mils x 11.0 mils
Die Thickness
Chip Area
Top Surface
30 mils x 30 mils
Silox Passivated
Mechanical Specifications
Metallization
Bonding Pad Size
8 mils nominal
Parameter
Test conditions
Min
Max
Unit
BVCBO
IC = 100 µA, IE = 0
120
---
V dc
BVEBO
IE = 100 µA, IC = 0
7.0
---
V dc
ICBO
VCB = 60 V, IE = 0
---
10
nA dc
hFE
IC = 150 mA dc, VCE = 10 V
40
120
---
Electrical Characteristics
TA = 25
oC
Due to limitations of probe testing, only dc parameters are tested. This must be done with pulse width less
than 300 µs, duty cycle less than 2%.


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
2C2484 Chip Type 2C2484 Geometry 0307 Polarity NPN 1  Semicoa Semiconductor
2C2605 Chip Type 2C2605 Geometry 0220 Polarity NPN 1  Semicoa Semiconductor
2C918 Chip Type 2C918 Geometry 0013 Polarity NPN 1  Semicoa Semiconductor
2C2857 Chip Type 2C2857 Geometry 0011 Polarity NPN 1  Semicoa Semiconductor
2C3019 Chip Type 2C3019 Geometry 4500 Polarity PNP 1  Semicoa Semiconductor
2C3501 Chip Type 2C3501 Geometry 5620 Polarity NPN 1  Semicoa Semiconductor
2N1893 Type 2N1893 Geometry 4500 Polarity NPN 1  2  Semicoa Semiconductor
2C3506 Chip Type 2C3506 Geometry 1506 Polarity NPN 1  Semicoa Semiconductor
2N1893S Type 2N1893S Geometry 4500 Polarity NPN 1  2  Semicoa Semiconductor
2C3866A Chip Type 2C3866A Geometry 1007 Polarity NPN 1  Semicoa Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn