Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK14C88-5L45M Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # STK14C88-5L45M
Description  32 K x 8 AutoStore nvSRAM Commercial, industrial, military temperatures
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88-5L45M Datasheet(HTML) 5 Page - Cypress Semiconductor

  STK14C88-5L45M Datasheet HTML 1Page - Cypress Semiconductor STK14C88-5L45M Datasheet HTML 2Page - Cypress Semiconductor STK14C88-5L45M Datasheet HTML 3Page - Cypress Semiconductor STK14C88-5L45M Datasheet HTML 4Page - Cypress Semiconductor STK14C88-5L45M Datasheet HTML 5Page - Cypress Semiconductor STK14C88-5L45M Datasheet HTML 6Page - Cypress Semiconductor STK14C88-5L45M Datasheet HTML 7Page - Cypress Semiconductor STK14C88-5L45M Datasheet HTML 8Page - Cypress Semiconductor STK14C88-5L45M Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
STK14C88
Document Number: 001-52038 Rev. *C
Page 5 of 20
AC Test Conditions
Figure 3. AC Output Loading
Capacitance
Parameter[5]
Description
Test Conditions
Max
Unit
Conditions
CIN
Input Capacitance
TA = 25 C, f = 1 MHz,
5
pF
V = 0 to 3 V
COUT
Output Capacitance
7
pF
V = 0 to 3 V
Input pulse levels.................................................... 0 V to 3 V
Input rise and fall times ............................................... <5 ns
Input and output timing reference levels ....................... 1.5 V
Output load........................................................ See Figure 3
480 Ohms
30 pF
255 Ohms
5.0 V
INCLUDING
SCOPE AND
OUTPUT
FIXTURE
Note
5. These parameters are guaranteed but not tested.
[+] Feedback


Similar Part No. - STK14C88-5L45M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14C88-5L45M ETC1-STK14C88-5L45M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
logo
Simtek Corporation
STK14C88-5L45M SIMTEK-STK14C88-5L45M Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-5L45M CYPRESS-STK14C88-5L45M Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results

Similar Description - STK14C88-5L45M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK12C68-IM ETC1-STK12C68-IM Datasheet
64Kb / 10P
   CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
List of Unclassifed Man...
STK15C68 ETC-STK15C68 Datasheet
76Kb / 9P
   8K x 8 AutoStore nvSRAM
STK25C48 ETC-STK25C48 Datasheet
84Kb / 8P
   2K X 8 AUTOSTORE NVSRAM
logo
Cypress Semiconductor
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK12C68 CYPRESS-STK12C68 Datasheet
751Kb / 20P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK22C48 CYPRESS-STK22C48_11 Datasheet
1Mb / 17P
   16-Kbit (2 K 횞 8) AutoStore??nvSRAM
STK12C68-5 CYPRESS-STK12C68-5 Datasheet
591Kb / 18P
   64 Kbit (8K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com