Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK14C88-3NF45I Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # STK14C88-3NF45I
Description  256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14C88-3NF45I Datasheet(HTML) 1 Page - Cypress Semiconductor

  STK14C88-3NF45I Datasheet HTML 1Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 2Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 3Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 4Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 5Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 6Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 7Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 8Page - Cypress Semiconductor STK14C88-3NF45I Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
STK14C88-3
256 Kbit (32K x 8) AutoStore nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-50592 Rev. *D
Revised February 11, 2011
Features
35 ns and 45 ns Access Times
Automatic Nonvolatile STORE on power loss
Nonvolatile STORE under Hardware or Software control
Automatic RECALL to SRAM on power up
Unlimited Read/Write endurance
Unlimited RECALL Cycles
1,000,000 STORE Cycles
100 year Data Retention
Single 3.3V+0.3V Power Supply
Commercial and Industrial Temperatures
32-pin (300mil) SOIC and 32-pin (600 mil) PDIP packages
RoHS compliance
Functional Description
The Cypress STK14C88-3 is a 256 Kb fast static RAM with
a nonvolatile element in each memory cell. The embedded
nonvolatile elements incorporate QuantumTrap technology
producing the world’s most reliable nonvolatile memory. The
SRAM provides unlimited read and write cycles, while
independent, nonvolatile data resides in the highly reliable
QuantumTrap cell. Data transfers from the SRAM to the
nonvolatile elements (the STORE operation) takes place
automatically at power down. On power up, data is restored
to the SRAM (the RECALL operation) from the nonvolatile
memory. Both the STORE and RECALL operations are also
available under software control.
STORE/
RECALL
CONTROL
POWER
CONTROL
SOFTWARE
DETECT
STATIC RAM
ARRAY
512 X 512
Quantum Trap
512 X 512
STORE
RECALL
COLUMN I/O
COLUMN DEC
OE
CE
WE
HSB
VCC
VCAP
A13
- A0
A0 A1 A2 A3 A4 A10
A5
A6
A7
A8
A9
A11
A12
A13
A14
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
Logic Block Diagram
[+] Feedback
[+] Feedback


Similar Part No. - STK14C88-3NF45I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14C88-3NF45I ETC-STK14C88-3NF45I Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
logo
Simtek Corporation
STK14C88-3NF45I SIMTEK-STK14C88-3NF45I Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88-3NF45I SIMTEK-STK14C88-3NF45I Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-3NF45I CYPRESS-STK14C88-3NF45I Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
logo
Simtek Corporation
STK14C88-3NF45ITR SIMTEK-STK14C88-3NF45ITR Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
More results

Similar Description - STK14C88-3NF45I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com