Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK15C88-NF45TR Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # STK15C88-NF45TR
Description  256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK15C88-NF45TR Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button STK15C88-NF45TR Datasheet HTML 7Page - Cypress Semiconductor STK15C88-NF45TR Datasheet HTML 8Page - Cypress Semiconductor STK15C88-NF45TR Datasheet HTML 9Page - Cypress Semiconductor STK15C88-NF45TR Datasheet HTML 10Page - Cypress Semiconductor STK15C88-NF45TR Datasheet HTML 11Page - Cypress Semiconductor STK15C88-NF45TR Datasheet HTML 12Page - Cypress Semiconductor STK15C88-NF45TR Datasheet HTML 13Page - Cypress Semiconductor STK15C88-NF45TR Datasheet HTML 14Page - Cypress Semiconductor STK15C88-NF45TR Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
STK15C88
Document Number: 001-50593 Rev. *C
Page 11 of 17
AutoStore or Power Up RECALL
Parameter
Alt
Description
STK15C88
Unit
Min
Max
tHRECALL
[10]
tRESTORE
Power up RECALL Duration
550
s
tSTORE
[6]
tHLHZ
STORE Cycle Duration
10
ms
VRESET
Low Voltage Reset Level
3.6
V
VSWITCH
Low Voltage Trigger Level
4.0
4.5
V
Switching Waveforms
Figure 9. AutoStore/Power Up RECALL
Note
10. tHRECALL starts from the time VCC rises above VSWITCH.
[+] Feedback


Similar Part No. - STK15C88-NF45TR

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK15C88-NF45TR SIMTEK-STK15C88-NF45TR Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
logo
Cypress Semiconductor
STK15C88-NF45TR CYPRESS-STK15C88-NF45TR Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
More results

Similar Description - STK15C88-NF45TR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C256Q CYPRESS-CY14C256Q Datasheet
1Mb / 33P
   256-Kbit (32 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
   256-Kbit (32 K x 8) nvSRAM
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
CY14C256PA CYPRESS-CY14C256PA Datasheet
1Mb / 44P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock Infinite read, write, and RECALL cycles
CY14MC256J CYPRESS-CY14MC256J_13 Datasheet
1Mb / 30P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM
CY14U256LA CYPRESS-CY14U256LA Datasheet
499Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256Q1 CYPRESS-CY14B256Q1_13 Datasheet
1Mb / 29P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM
CY14MB064Q CYPRESS-CY14MB064Q Datasheet
938Kb / 29P
   64-Kbit (8 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14B256LA CYPRESS-CY14B256LA_12 Datasheet
863Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
CY14B256LA CYPRESS-CY14B256LA_11 Datasheet
790Kb / 22P
   256-Kbit (32 K 횞 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com