Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML9030220M Datasheet(PDF) 1 Page - Seme LAB

Part # SML9030220M
Description  P-CHANNEL MOS TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SML9030220M Datasheet(HTML) 1 Page - Seme LAB

  SML9030220M Datasheet HTML 1Page - Seme LAB SML9030220M Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SML9030–220M
Prelim. 3/97
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VGS
Gate – Source Voltage
ID
Continuous Drain Current
(VGS = -10V , Tcase = 25°C)
ID
Continuous Drain Current
(VGS = -10V , Tcase = 100°C)
IDM
Pulsed Drain Current 1
PD
Power Dissipation @ Tcase = 25°C
Linear Derating Factor
TJ
Operating Junction Temperature
TSTG
Storage Temperature Range
RqJC
Thermal Resistance Junction to Case
RqJA
Thermal Resistance Junction to Ambient
±20V
13.2A
8.3A
53A
45W
0.36W/°C
–55 to +150°C
–55 to +150°C
2.8°C/W
80°C/W
MECHANICAL DATA
Dimensions in mm (inches)
Dia.
2.65
2.75
0.89
1.14
0.70
0.90
4.70
5.00
10.41
10.67
3.56
3.81
2.54
BSC
12 3
P–CHANNEL
MOS
TRANSISTOR
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• P CHANNEL
• REPETITIVE AVALANCHE RATED
• DYNAMIC dv/dt RATING
• FAST SWITCHING
• EASE OF PARALLELING
• SIMPLE DRIVE REQUIREMENTS
VDSS
–50V
ID(cont)
13.2A
RDS(on)
0.15
W
W
W
W
TO–220 – Metal Package
Pin 1 – Gate
Pin 2 – Drain
Pin 3 – Source


Similar Part No. - SML9030220M

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML9030-T254 SEME-LAB-SML9030-T254 Datasheet
20Kb / 2P
   P-CHANNEL MOS TRANSISTOR
SML9030T254 SEME-LAB-SML9030T254 Datasheet
20Kb / 2P
   P-CHANNEL MOS TRANSISTOR
More results

Similar Description - SML9030220M

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML9030T254 SEME-LAB-SML9030T254 Datasheet
20Kb / 2P
   P-CHANNEL MOS TRANSISTOR
logo
Sanyo Semicon Device
2SJ458 SANYO-2SJ458 Datasheet
13Kb / 1P
   P CHANNEL MOS SILICON TRANSISTOR
2SJ643 SANYO-2SJ643 Datasheet
312Kb / 4P
   P CHANNEL MOS SILICON TRANSISTOR
2SJ645 SANYO-2SJ645 Datasheet
47Kb / 2P
   P CHANNEL MOS SILICON TRANSISTOR
MCH6617 SANYO-MCH6617 Datasheet
41Kb / 4P
   P CHANNEL MOS SILICON TRANSISTOR
MCH3318 SANYO-MCH3318 Datasheet
44Kb / 4P
   P CHANNEL MOS SILICON TRANSISTOR
MCH3307 SANYO-MCH3307 Datasheet
42Kb / 4P
   P CHANNEL MOS SILICON TRANSISTOR
2SJ632 SANYO-2SJ632 Datasheet
47Kb / 4P
   P CHANNEL MOS SILICON TRANSISTOR
logo
NXP Semiconductors
PHP109 PHILIPS-PHP109 Datasheet
101Kb / 12P
   P-channel enhancement mode MOS transistor
1997 Jun 18
logo
Nexperia B.V. All right...
BSH202 NEXPERIA-BSH202 Datasheet
229Kb / 8P
   P-channel enhancement mode MOS transistor
August 1998
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com