Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYD18S72V18-167BGXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CYD18S72V18-167BGXC
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYD18S72V18-167BGXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CYD18S72V18-167BGXC Datasheet HTML 6Page - Cypress Semiconductor CYD18S72V18-167BGXC Datasheet HTML 7Page - Cypress Semiconductor CYD18S72V18-167BGXC Datasheet HTML 8Page - Cypress Semiconductor CYD18S72V18-167BGXC Datasheet HTML 9Page - Cypress Semiconductor CYD18S72V18-167BGXC Datasheet HTML 10Page - Cypress Semiconductor CYD18S72V18-167BGXC Datasheet HTML 11Page - Cypress Semiconductor CYD18S72V18-167BGXC Datasheet HTML 12Page - Cypress Semiconductor CYD18S72V18-167BGXC Datasheet HTML 13Page - Cypress Semiconductor CYD18S72V18-167BGXC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
FullFlex
Document Number: 38-06082 Rev. *K
Page 10 of 52
PORTSTD[1:0]L[26] PORTSTD[1:0]R[26] Port clock/Address/Control/Data/Echo clock/I/O standard select input. Assert these pins
LOW/LOW for LVTTL, LOW/HIGH for HSTL, HIGH/LOW for 2.5 V LVCMOS, and HIGH/HIGH
for 1.8 V LVCMOS, respectively. These pins are driven by VTTL referenced levels.
R/WL
R/WR
Read/Write enable input. Assert this pin LOW to write to, or HIGH to read from the dual port
memory array.
READYL
READYR
Port DLL ready output. This signal is asserted LOW when the DLL and variable impedance
matching circuits complete calibration. This is a wired OR capable output.
CNT/MSKL
CNT/MSKR
Port counter/Mask select input. Counter control input.
ADSL
ADSR
Port counter address load strobe input. Counter control input.
CNTENL
CNTENR
Port counter enable input. Counter control input.
CNTRSTL
CNTRSTR
Port counter reset input. Counter control input.
CNTINTL
CNTINTR
Port counter interrupt output. This pin is asserted LOW one cycle before the unmasked portion
of the counter is incremented to all “1s”.
WRPL
WRPR
Port counter wrap input. When the burst counter reaches the maximum count, on the next
counter increment WRP is set LOW to load the unmasked counter bits to 0. It is set HIGH to load
the counter with the value stored in the mirror register.
RETL
RETR
Port counter retransmit input. Assert this pin LOW to reload the initial address for repeated
access to the same segment of memory.
VREFL
VREFR
Port external HSTL IO reference input. This pin is left DNU when HSTL is not used.
VDDIOL
VDDIOR
Port data IO power supply.
FTSELL
FTSELR
Port flow through mode select input. Assert this pin LOW to select flow through mode. Assert
this pin HIGH to select Pipelined mode.
MRST
Master reset input. MRST is an asynchronous input signal and affects both ports. Asserting
MRST LOW performs all of the reset functions as described in the text. A MRST operation is
required at power up. This pin is driven by a VDDIOL referenced signal.
TMS
JTAG test mode select input. It controls the advance of JTAG TAP state machine. State
machine transitions occur on the rising edge of TCK. Operation for LVTTL or 2.5 V LVCMOS.
TDI
JTAG test data input. Data on the TDI input is shifted serially into selected registers. Operation
for LVTTL or 2.5 V LVCMOS.
TRST
JTAG reset input. Operation for LVTTL or 2.5 V LVCMOS.
TCK
JTAG test clock input. Operation for LVTTL or 2.5 V LVCMOS.
TDO
JTAG test data output. TDO transitions occur on the falling edge of TCK. TDO is normally
tri-stated except when captured data is shifted out of the JTAG TAP. Operation for LVTTL or 2.5 V
LVCMOS.
VSS
Ground inputs.
VCORE
Device core power supply.
VTTL
LVTTL power supply.
Pin Definitions (continued)
Left Port
Right Port
Description
Note
26. PORTSTD[1:0]L and PORTSTD[1:0]R have internal pull-down resistors.
[+] Feedback


Similar Part No. - CYD18S72V18-167BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD18S72V18-167BGI CYPRESS-CYD18S72V18-167BGI Datasheet
755Kb / 53P
   FullFlex Synchronous SDR Dual Port SRAM
More results

Similar Description - CYD18S72V18-167BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD09S18V18-167BBXI CYPRESS-CYD09S18V18-167BBXI Datasheet
755Kb / 53P
   FullFlex Synchronous SDR Dual Port SRAM
logo
Samsung semiconductor
K7A323630C SAMSUNG-K7A323630C Datasheet
424Kb / 19P
   1Mx36 and 2Mx18 Synchronous SRAM
logo
AVX Corporation
NP30 AVX-NP30 Datasheet
401Kb / 10P
   Commercial, Industrial and Automotive Applications
logo
Samsung semiconductor
K7P163666A SAMSUNG-K7P163666A Datasheet
321Kb / 14P
   512Kx36 AND 1Mx18 Synchronous Pipelined SRAM
K7P803666B SAMSUNG-K7P803666B Datasheet
216Kb / 13P
   256Kx36 AND 512Kx18 Synchronous Pipelined SRAM
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
Intersil Corporation
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
logo
Renesas Technology Corp
IDT709149S RENESAS-IDT709149S Datasheet
267Kb / 11P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com