Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYD36S72V18-200BGXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CYD36S72V18-200BGXC
Description  FullFlex Synchronous SDR Dual Port SRAM Commercial and Industrial temperature
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYD36S72V18-200BGXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CYD36S72V18-200BGXC Datasheet HTML 3Page - Cypress Semiconductor CYD36S72V18-200BGXC Datasheet HTML 4Page - Cypress Semiconductor CYD36S72V18-200BGXC Datasheet HTML 5Page - Cypress Semiconductor CYD36S72V18-200BGXC Datasheet HTML 6Page - Cypress Semiconductor CYD36S72V18-200BGXC Datasheet HTML 7Page - Cypress Semiconductor CYD36S72V18-200BGXC Datasheet HTML 8Page - Cypress Semiconductor CYD36S72V18-200BGXC Datasheet HTML 9Page - Cypress Semiconductor CYD36S72V18-200BGXC Datasheet HTML 10Page - Cypress Semiconductor CYD36S72V18-200BGXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Document Number: 38-06082 Rev. *K
Page 7 of 52
FullFlex
Figure 4. FullFlex36 SDR 256-ball BGA (Top View)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A
DQ32L
DQ30L
DQ28L
DQ26L
DQ24L
DQ22L
DQ20L
DQ18L
DQ18R
DQ20R
DQ22R
DQ24R
DQ26R
DQ28R
DQ30R
DQ32R
B
DQ33L
DQ31L
DQ29L
DQ27L
DQ25L
DQ23L
DQ21L
DQ19L
DQ19R
DQ21R
DQ23R
DQ25R
DQ27R
DQ29R
DQ31R
DQ33R
C
DQ34L
DQ35L
RETL
INTL
CQ1L
CQ1L
DNU
TRST
MRST
ZQ0R[13]
CQ1R
CQ1R
INTR
RETR
DQ35R
DQ34R
D
A0L
A1L
WRPL
VREFL
FTSELL
LOWSPDL
VSS
VTTL
VTTL
VSS
LOWSPDR
FTSELR
VREFR
WRPR
A1R
A0R
E
A2L
A3L
CE0L
CE1L
VDDIOL
VDDIOL
VDDIOL
VCORE
VCORE
VDDIOR
VDDIOR
VDDIOR
CE1R
CE0R
A3R
A2R
F
A4L
A5L
CNTINTL
BE3L
VDDIOL
VSS
VSS
VSS
VSS
VSS
VSS
VDDIOR
BE3R
CNTINTR
A5R
A4R
G
A6L
A7L
BUSYL
BE2L
ZQ0L[13]
VSS
VSS
VSS
VSS
VSS
VSS
VDDIOR
BE2R
BUSYR
A7R
A6R
H
A8L
A9L
CL
VTTL
VCORE
VSS
VSS
VSS
VSS
VSS
VSS
VCORE
VTTL
CR
A9R
A8R
J
A10L
A11L
VSS
PORTSTD1L
VCORE
VSS
VSS
VSS
VSS
VSS
VSS
VCORE
PORTSTD1R
VSS
A11R
A10R
K
A12L
A13L
OEL
BE1L
VDDIOL
VSS
VSS
VSS
VSS
VSS
VSS
VDDIOR
BE1R
OER
A13R
A12R
L
A14L
A15L
ADSL
BE0L
VDDIOL
VSS
VSS
VSS
VSS
VSS
VSS
VDDIOR
BE0R
ADSR
A15R
A14R
M
A16L[16]
A17L[15]
R/WL
CQENL
VDDIOL
VDDIOL
VDDIOL
VCORE
VCORE
VDDIOR
VDDIOR
VDDIOR
CQENR
R/WR
A17R[15]
A16R[16]
N
A18L[14]
DNU
CNT/MSKL
VREFL
PORTSTD0L READYL
DNU
VTTL
VTTL
DNU
READYR PORTSTD0R
VREFR
CNT/MSKR
DNU
A18R[14]
P
DQ16L
DQ17L
CNTENL
CNTRSTL
CQ0L
CQ0L
TCK
TMS
TDO
TDI
CQ0R
CQ0R
CNTRSTR
CNTENR
DQ17R
DQ16R
R
DQ15L
DQ13L
DQ11L
DQ9L
DQ7L
DQ5L
DQ3L
DQ1L
DQ1R
DQ3R
DQ5R
DQ7R
DQ9R
DQ11R
DQ13R
DQ15R
T
DQ14L
DQ12L
DQ10L
DQ8L
DQ6L
DQ4L
DQ2L
DQ0L
DQ0R
DQ2R
DQ4R
DQ6R
DQ8R
DQ10R
DQ12R
DQ14R
Notes
13. Leave this ball unconnected to disable VIM.
14. Leave this ball unconnected for CYD09S36V18 and CYD02S36V18.
15. Leave this ball unconnected for CYD02S36V18.
16. Leave this ball unconnected for CYD02S36V18.
[+] Feedback


Similar Part No. - CYD36S72V18-200BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD36S72V18-200BGXC CYPRESS-CYD36S72V18-200BGXC Datasheet
755Kb / 53P
   FullFlex Synchronous SDR Dual Port SRAM
More results

Similar Description - CYD36S72V18-200BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD09S18V18-167BBXI CYPRESS-CYD09S18V18-167BBXI Datasheet
755Kb / 53P
   FullFlex Synchronous SDR Dual Port SRAM
logo
Samsung semiconductor
K7A323630C SAMSUNG-K7A323630C Datasheet
424Kb / 19P
   1Mx36 and 2Mx18 Synchronous SRAM
logo
AVX Corporation
NP30 AVX-NP30 Datasheet
401Kb / 10P
   Commercial, Industrial and Automotive Applications
logo
Samsung semiconductor
K7P163666A SAMSUNG-K7P163666A Datasheet
321Kb / 14P
   512Kx36 AND 1Mx18 Synchronous Pipelined SRAM
K7P803666B SAMSUNG-K7P803666B Datasheet
216Kb / 13P
   256Kx36 AND 512Kx18 Synchronous Pipelined SRAM
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
Intersil Corporation
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
logo
Renesas Technology Corp
IDT709149S RENESAS-IDT709149S Datasheet
267Kb / 11P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com