Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML80T27 Datasheet(PDF) 2 Page - Seme LAB

Part # SML80T27
Description  N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SML80T27 Datasheet(HTML) 2 Page - Seme LAB

  SML80T27 Datasheet HTML 1Page - Seme LAB SML80T27 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SML80T27
6/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Characteristic
Test Conditions
Min.
Typ.
Max. Unit
Ciss
Coss
Crss
Qg
Qgs
Qgd
td(on)
tr
td(off)
tf
Characteristic
Test Conditions
Min.
Typ.
Max. Unit
27
108
1.3
850
22
IS
ISM
VSD
trr
Qrr
(Body Diode)
(Body Diode)
VGS = 0V , IS = – ID [Cont.]
IS = – ID [Cont.] , dls / dt = 100A/ms
IS = – ID [Cont.] , dls / dt = 100A/ms
Continuous Source Current
Pulsed Source Current1
Diode Forward Voltage2
Reverse Recovery Time
Reverse Recovery Charge
A
V
ns
mC
Characteristic
Min.
Typ.
Max. Unit
0.24
40
RqJC
RqJA
Junction to Case
Junction to Ambient
°C/W
SOURCE – DRAIN DIODE RATINGS AND CHARACTERISTICS
THERMAL CHARACTERISTICS
1) Repetitive Rating: Pulse Width limited by maximum junction temperature.
2) Pulse Test: Pulse Width < 380
mS , Duty Cycle < 2%
3) See MIL–STD–750 Method 3471
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge3
Gate – Source Charge
Gate – Drain (“Miller”) Charge
Turn–on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VGS = 0V
VDS = 25V
f = 1MHz
VGS = 10V
VDD = 0.5 VDSS
ID = ID [Cont.] @ 25°C
VGS = 15V
VDD = 0.5 VDSS
ID = ID [Cont.] @ 25°C
RG = 0.6W
pF
nC
ns
6600
645
320
340
31
170
16
14
59
8
CAUTION — Electrostatic Sensitive Devices. Anti-Static Procedures Must Be Followed.
Characteristic
Test Conditions
Min.
Typ.
Max. Unit
BVDSS
IDSS
IGSS
VGS(TH)
ID(ON)
RDS(ON)
VGS = 0V , ID = 250mA
VDS = VDSS
VDS = 0.8VDSS , TC = 125°C
VGS = ±30V , VDS = 0V
VDS = VGS , ID = 2.5mA
VDS > ID(ON) x RDS(ON) Max
VGS = 10V
VGS = 10V , ID = 0.5 ID [Cont.]
Drain – Source Breakdown Voltage
Zero Gate Voltage Drain Current
(VGS = 0V)
Gate – Source Leakage Current
Gate Threshold Voltage
On State Drain Current 2
Drain – Source On State Resistance 2
800
25
250
±100
2
4
27
0.300
V
mA
nA
V
A
W
STATIC ELECTRICAL RATINGS (Tcase = 25°C unless otherwise stated)
DYNAMIC CHARACTERISTICS


Similar Part No. - SML80T27

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML800UF15D SEME-LAB-SML800UF15D Datasheet
25Kb / 1P
   ULTRA FAST RECOVERY TO254 HERMETIC DIODES FOR HIGH REL APPLICATIONS
SML800UF25D SEME-LAB-SML800UF25D Datasheet
25Kb / 1P
   ULTRA FAST RECOVERY TO254 HERMETIC DIODES FOR HIGH REL APPLICATIONS
SML80A12 SEME-LAB-SML80A12 Datasheet
20Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML80B12 SEME-LAB-SML80B12 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML80B13 SEME-LAB-SML80B13 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results

Similar Description - SML80T27

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML100B13 SEME-LAB-SML100B13 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100H9 SEME-LAB-SML100H9 Datasheet
26Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100S13 SEME-LAB-SML100S13 Datasheet
20Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML10T75XX SEME-LAB-SML10T75XX Datasheet
19Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML120L16 SEME-LAB-SML120L16 Datasheet
20Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML20B67 SEME-LAB-SML20B67 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML20H45 SEME-LAB-SML20H45 Datasheet
26Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML30A33 SEME-LAB-SML30A33 Datasheet
20Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML40A26 SEME-LAB-SML40A26 Datasheet
20Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
logo
Advanced Power Technolo...
APT4016BN ADPOW-APT4016BN Datasheet
51Kb / 4P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
APT1001R6BN ADPOW-APT1001R6BN Datasheet
50Kb / 4P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com