Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYDMX128A16 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYDMX128A16
Description  16 K/8 K/4 K x 16 MoBL ADM 16 K/8 K/4 K x 16 MoBL ADM High speed access
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYDMX128A16 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYDMX128A16 Datasheet HTML 1Page - Cypress Semiconductor CYDMX128A16 Datasheet HTML 2Page - Cypress Semiconductor CYDMX128A16 Datasheet HTML 3Page - Cypress Semiconductor CYDMX128A16 Datasheet HTML 4Page - Cypress Semiconductor CYDMX128A16 Datasheet HTML 5Page - Cypress Semiconductor CYDMX128A16 Datasheet HTML 6Page - Cypress Semiconductor CYDMX128A16 Datasheet HTML 7Page - Cypress Semiconductor CYDMX128A16 Datasheet HTML 8Page - Cypress Semiconductor CYDMX128A16 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
CYDMX256A16, CYDMX256B16
CYDMX128A16, CYDMX128B16
CYDMX064A16, CYDMX064B16
16 K/8 K/4 K × 16 MoBL® ADM
Asynchronous Dual-Port Static RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-08090 Rev. *G
Revised May 2, 2011
16 K/8 K/4 K × 16 MoBL® ADM Asynchronous Dual-Port Static RAM
Features
True dual-ported memory block that allow simultaneous
independent access
One port with dedicated time multiplexed address and data
(ADM) interface
One port configurable to standard SRAM or time multiplexed
address and data interface
16 K/8 K/4 K × 16 memory configuration
High speed access
65 ns or 90 ns ADM interface
40 ns or 60 ns standard SRAM interface
Fully asynchronous operation
Port independent 1.8 V, 2.5 V, and 3.0 V IOs
Ultra low operating power
Active: ICC = 15 mA (typical) at 90 ns
Active: ICC = 25 mA (typical) at 65 ns
Standby: ISB3 = 2 A (typical)
Port independent power down
On-chip arbitration logic
Mailbox interrupt for port to port communication
Input Read and Output Drive registers
Upper byte and lower byte control
Small package: 6 × 6 mm, 100-ball Pb-free BGA
Industrial temperature range
Notes
1. A13-A0 for CYDMX256A16 and CYDMX256B16; A12-A0 for CYDMX128A16 and CYDMX128B16; and A11-A0 for CYDMX064A16 and CYDMX064B16.
2. IRR1 and IRR2 not available for CYDMX256A16 and CYDMX256B16.
Block Diagram
Mux'ed
Address /
Data
I/O Control
Address
Decode
Mux'ed
Address/
Data
I/O Control
I/OL15-I/OL8
I/OL7-I/OL0
Address
Decode
I/OR15-I/OR8
A13-A0 [note 1]
Control Logic
CS#L
OE#L
WE#L
BUSY#L
INT#L
BUSY#R
INT#R
CS#R
OE#R
WE#R
Dual Ported
Memory Array
16k/8k/4k x 16
ADV#L
UB#L
LB#L
DataL<15..0>
DataR<15..0>
AddrL<13..0>
AddrR<13..0>
ADV#R
UB#R
LB#R
MSEL
I/OR7-I/OR0
IRR/ODR
SFEN#
IRR1-IRR0 [note 2]
ODR4-ODR0
[+] Feedback


Similar Part No. - CYDMX128A16

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDM064A08 CYPRESS-CYDM064A08 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064A08-35BVXC CYPRESS-CYDM064A08-35BVXC Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064A08-55BVXC CYPRESS-CYDM064A08-55BVXC Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064A08-55BVXI CYPRESS-CYDM064A08-55BVXI Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
CYDM064A16 CYPRESS-CYDM064A16 Datasheet
499Kb / 25P
   1.8V 4K/8K/16K x 16 and 8K/16K x 8 MoBL짰 Dual-Port Static RAM
More results

Similar Description - CYDMX128A16

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
CY14B104NA-ZS25XI CYPRESS-CY14B104NA-ZS25XI Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
CY7C4285V-15ASXI CYPRESS-CY7C4285V-15ASXI Datasheet
603Kb / 24P
   8 K/16 K/32 K/64 K x 18 Low Voltage Deep Sync FIFOs
logo
Fujitsu Component Limit...
MB85RC16 FUJITSU-MB85RC16 Datasheet
138Kb / 20P
   Memory FRAM 16 K (2 K x 8) Bit I2C
MB85RC128 FUJITSU-MB85RC128 Datasheet
142Kb / 20P
   Memory FRAM 128 K (16 K x 8) Bit I2C
logo
Cypress Semiconductor
CY7C008V CYPRESS-CY7C008V_12 Datasheet
649Kb / 23P
   3.3 V 4 K / 8 K / 16 16 Dual-Port Static RAM
CY62146EV30LL-45ZSXIT CYPRESS-CY62146EV30LL-45ZSXIT Datasheet
570Kb / 18P
   CY62146EV30 MoBL 4-Mbit (256 K 횞 16) Static RAM
logo
Fujitsu Component Limit...
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RS16N FUJITSU-MB85RS16N Datasheet
375Kb / 28P
   16 K (2 K 횞 8) Bit SPI
MB85RC128A FUJITSU-MB85RC128A Datasheet
474Kb / 32P
   128 K (16 K 횞 8) ?볝긿?뉹2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com