Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYD18S72V Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CYD18S72V
Description  FLEx72 3.3 V 64 K/128 K/256 K x 72 Synchronous Dual-Port RAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYD18S72V Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CYD18S72V Datasheet HTML 2Page - Cypress Semiconductor CYD18S72V Datasheet HTML 3Page - Cypress Semiconductor CYD18S72V Datasheet HTML 4Page - Cypress Semiconductor CYD18S72V Datasheet HTML 5Page - Cypress Semiconductor CYD18S72V Datasheet HTML 6Page - Cypress Semiconductor CYD18S72V Datasheet HTML 7Page - Cypress Semiconductor CYD18S72V Datasheet HTML 8Page - Cypress Semiconductor CYD18S72V Datasheet HTML 9Page - Cypress Semiconductor CYD18S72V Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
CYD04S72V
CYD09S72V
CYD18S72V
Document Number : 38-06069 Rev. *L
Page 6 of 30
VDDIOL
VDDIOR
Port IO power supply.
REV[18,19]L
REV[18,19]R
Reserved pins for future features.
MRST
Master reset input. MRST is an asynchronous input signal and affects both ports. A
master reset operation is required at power-up.
TRST[18,20]
JTAG reset input.
TMS
JTAG test mode select input. It controls the advance of JTAG TAP state machine.
State machine transitions occur on the rising edge of TCK.
TDI
JTAG test data input. Data on the TDI input will be shifted serially into selected
registers.
TCK
JTAG test clock input.
TDO
JTAG test data output. TDO transitions occur on the falling edge of TCK. TDO is
normally three-stated except when captured data is shifted out of the JTAG TAP.
VSS
Ground inputs.
VCORE[21]
Core power supply.
VTTL
LVTTL power supply.
Notes
18. This ball will represent a next generation Dual-Port feature. For more information about this feature, contact Cypress Sales.
19. Connect this ball to VSS. For more information about this next generation Dual-Port feature, contact Cypress Sales
20. Leave this ball unconnected. For more information about this feature, contact Cypress Sales.
21. This family of Dual-Ports does not use VCORE, and these pins are internally NC. The next generation Dual-Port family, the FLEx72-E™, will use VCORE of 1.5 V or 1.8
V. Please contact local Cypress FAE for more information
Pin Definitions (continued)
Left Port
Right Port
Description
[+] Feedback


Similar Part No. - CYD18S72V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD18S72V CYPRESS-CYD18S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD18S72V CYPRESS-CYD18S72V Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD18S72V-100BBC CYPRESS-CYD18S72V-100BBC Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD18S72V-100BBC CYPRESS-CYD18S72V-100BBC Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD18S72V-100BBI CYPRESS-CYD18S72V-100BBI Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
More results

Similar Description - CYD18S72V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
CY7C0831AV CYPRESS-CY7C0831AV_12 Datasheet
526Kb / 31P
   FLEx18??3.3 V 128 K / 256 K / 512 K 횞 18 Synchronous Dual-Port RAM
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
   3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
CY7C09349AV CYPRESS-CY7C09349AV_12 Datasheet
351Kb / 20P
   3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
CY7C09569V CYPRESS-CY7C09569V_12 Datasheet
688Kb / 32P
   3.3 V 16 K / 32 K 횞 36 FLEx36짰 Synchronous Dual-Port Static RAM
CY62256NLL-55SNXIT CYPRESS-CY62256NLL-55SNXIT Datasheet
450Kb / 16P
   256 K (32 K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com