Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62167EV30LL-45BVI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY62167EV30LL-45BVI
Description  16 Mbit (1M x 16) Static RAM Automatic power down when deselected
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62167EV30LL-45BVI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY62167EV30LL-45BVI Datasheet HTML 6Page - Cypress Semiconductor CY62167EV30LL-45BVI Datasheet HTML 7Page - Cypress Semiconductor CY62167EV30LL-45BVI Datasheet HTML 8Page - Cypress Semiconductor CY62167EV30LL-45BVI Datasheet HTML 9Page - Cypress Semiconductor CY62167EV30LL-45BVI Datasheet HTML 10Page - Cypress Semiconductor CY62167EV30LL-45BVI Datasheet HTML 11Page - Cypress Semiconductor CY62167EV30LL-45BVI Datasheet HTML 12Page - Cypress Semiconductor CY62167EV30LL-45BVI Datasheet HTML 13Page - Cypress Semiconductor CY62167EV30LL-45BVI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CY62167EV18 MoBL®
Document #: 38-05447 Rev. *L
Page 10 of 16
Truth Table
CE1
CE2
WE
OE
BHE
BLE
Inputs/Outputs
Mode
Power
HX[30]
XXXX
High Z
Deselect/Power-down
Standby (ISB)
X[30]
L
XXXX
High Z
Deselect/Power-down
Standby (ISB)
X[30]
X[30]
X
X
H
H
High Z
Deselect/Power-down
Standby (ISB)
L
H
H
L
L
L
Data Out (I/O0–I/O15)
Read
Active (ICC)
L
H
H
L
H
L
Data Out (I/O0–I/O7);
High Z (I/O8–I/O15)
Read
Active (ICC)
LH
H
L
LH
High Z (I/O0–I/O7);
Data Out (I/O8–I/O15)
Read
Active (ICC)
L
H
H
H
L
H
High Z
Output disabled
Active (ICC)
L
HHHH
L
High Z
Output disabled
Active (ICC)
L
H
H
H
L
L
High Z
Output disabled
Active (ICC)
L
H
L
X
L
L
Data In (I/O0–I/O15)
Write
Active (ICC)
L
H
L
X
H
L
Data In (I/O0–I/O7);
High Z (I/O8–I/O15)
Write
Active (ICC)
LH
L
X
LH
High Z (I/O0–I/O7);
Data In (I/O8–I/O15)
Write
Active (ICC)
Note
30. The ‘X’ (Don’t care) state for the Chip enables in the truth table refer to the logic state (either HIGH or LOW). Intermediate voltage levels on these pins is not permitted.


Similar Part No. - CY62167EV30LL-45BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167EV30LL-45BVI CYPRESS-CY62167EV30LL-45BVI Datasheet
482Kb / 13P
   16 Mbit (1M x 16) Static RAM
CY62167EV30LL-45BVI CYPRESS-CY62167EV30LL-45BVI Datasheet
505Kb / 14P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30LL-45BVI CYPRESS-CY62167EV30LL-45BVI Datasheet
574Kb / 16P
   16-Mbit (1M x 16 / 2M x 8) Static RAM
CY62167EV30LL-45BVI CYPRESS-CY62167EV30LL-45BVI Datasheet
328Kb / 17P
   16-Mbit (1M x 16 / 2M x 8) Static RAM Automatic power-down when deselected
CY62167EV30LL-45BVI CYPRESS-CY62167EV30LL-45BVI Datasheet
360Kb / 19P
   16-Mbit (1 M 횞 16 / 2 M 횞 8) Static RAM
More results

Similar Description - CY62167EV30LL-45BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167EV30 CYPRESS-CY62167EV30_11 Datasheet
328Kb / 17P
   16-Mbit (1M x 16 / 2M x 8) Static RAM Automatic power-down when deselected
CY62157ESL CYPRESS-CY62157ESL_11 Datasheet
261Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62157EV18 CYPRESS-CY62157EV18_11 Datasheet
280Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62146E_1106 CYPRESS-CY62146E_1106 Datasheet
256Kb / 14P
   4-Mbit (256K x 16) Static RAM Automatic power down when deselected
CY62146ESL CYPRESS-CY62146ESL_11 Datasheet
258Kb / 15P
   4-Mbit (256K x 16) Static RAM Automatic power down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62168EV30 CYPRESS-CY62168EV30_11 Datasheet
874Kb / 16P
   16-Mbit (2 M x 8) Static RAM Automatic power-down when deselected
CY62126EV30 CYPRESS-CY62126EV30_11 Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
CY62137EV30_1106 CYPRESS-CY62137EV30_1106 Datasheet
498Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power-down when deselected
CY62137FV18 CYPRESS-CY62137FV18_11 Datasheet
493Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com