Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62157EV30LL-45ZXA Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62157EV30LL-45ZXA
Description  8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157EV30LL-45ZXA Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62157EV30LL-45ZXA Datasheet HTML 1Page - Cypress Semiconductor CY62157EV30LL-45ZXA Datasheet HTML 2Page - Cypress Semiconductor CY62157EV30LL-45ZXA Datasheet HTML 3Page - Cypress Semiconductor CY62157EV30LL-45ZXA Datasheet HTML 4Page - Cypress Semiconductor CY62157EV30LL-45ZXA Datasheet HTML 5Page - Cypress Semiconductor CY62157EV30LL-45ZXA Datasheet HTML 6Page - Cypress Semiconductor CY62157EV30LL-45ZXA Datasheet HTML 7Page - Cypress Semiconductor CY62157EV30LL-45ZXA Datasheet HTML 8Page - Cypress Semiconductor CY62157EV30LL-45ZXA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CY62157EV30 MoBL®
8-Mbit (512 K × 16) Static RAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-05445 Rev. *I
Revised May 30, 2011
8-Mbit (512 K × 16) Static RAM
Features
Thin small outline package (TSOP) I package configurable as
512 K × 16 or 1 M × 8 static RAM (SRAM)
High speed: 45 ns
Temperature ranges
Industrial: –40 °C to +85 °C
Automotive-A: –40 °C to +85 °C
Automotive-E: –40 °C to +125 °C
Wide voltage range: 2.20 V to 3.60 V
Pin compatible with CY62157DV30
Ultra low standby power
Typical standby current: 2 A
Maximum standby current: 8 A (Industrial)
Ultra low active power
Typical active current: 1.8 mA at f = 1 MHz
Easy memory expansion with CE1, CE2, and OE features
Automatic power down when deselected
Complementary Metal Oxide Semiconductor (CMOS) for
optimum speed and power
Available in Pb-free and non Pb-free 48-ball very fine-pitch ball
grid array (VFBGA), Pb-free 44-pin TSOP II and 48-pin TSOP I
packages
Functional Description
The CY62157EV30 is a high performance CMOS static RAM
organized as 512K words by 16 bits. This device features
advanced circuit design to provide ultra low active current. This
is ideal for providing More Battery Life
 (MoBL®) in portable
applications such as cellular telephones. The device also has an
automatic power down feature that significantly reduces power
consumption when addresses are not toggling. Place the device
into standby mode when deselected (CE1 HIGH or CE2 LOW or
both BHE and BLE are HIGH). The input or output pins (I/O0
through I/O15) are placed in a high impedance state when the
device is deselected (CE1HIGH or CE2 LOW), the outputs are
disabled (OE HIGH), Byte High Enable and Byte Low Enable are
disabled (BHE, BLE HIGH), or a write operation is active (CE1
LOW, CE2 HIGH and WE LOW).
To write to the device, take Chip Enable (CE1 LOW and CE2
HIGH) and Write Enable (WE) inputs LOW. If Byte Low Enable
(BLE) is LOW, then data from I/O pins (I/O0 through I/O7) is
written into the location specified on the address pins (A0 through
A18). If Byte High Enable (BHE) is LOW, then data from I/O pins
(I/O8 through I/O15) is written into the location specified on the
address pins (A0 through A18).
To read from the device, take Chip Enable (CE1 LOW and CE2
HIGH) and Output Enable (OE) LOW while forcing the Write
Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW, then data
from the memory location specified by the address pins appear
on I/O0 to I/O7. If Byte High Enable (BHE) is LOW, then data from
memory appears on I/O8 to I/O15. See Truth Table on page 13
for a complete description of read and write modes.
Logic Block Diagram
512 K × 16/1 M x 8
RAM Array
I/O0–I/O7
A 8
A 7
A 6
A 5
A 2
COLUMN DECODER
DATA IN DRIVERS
OE
A 4
A 3
I/O8–I/O15
WE
BLE
BHE
A 0
A 1
A 9
A10
Power Down
Circuit
BHE
BLE
CE2
CE1
CE2
CE1
BYTE
[+] Feedback


Similar Part No. - CY62157EV30LL-45ZXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157EV30LL-45ZXA CYPRESS-CY62157EV30LL-45ZXA Datasheet
414Kb / 15P
   8 Mbit (512K x 16) Static RAM
More results

Similar Description - CY62157EV30LL-45ZXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY7C1049DV33 CYPRESS-CY7C1049DV33_11 Datasheet
869Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power down when deselected
CY62148ESL CYPRESS-CY62148ESL_11 Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62148E CYPRESS-CY62148E_11 Datasheet
941Kb / 16P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY7C1049CV33_1106 CYPRESS-CY7C1049CV33_1106 Datasheet
312Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM Automatic power down when deselected
CY62158EV30 CYPRESS-CY62158EV30_11 Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
CY62157ESL CYPRESS-CY62157ESL_11 Datasheet
261Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62157EV18 CYPRESS-CY62157EV18_11 Datasheet
280Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62126EV30 CYPRESS-CY62126EV30_11 Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
CY62137EV30_1106 CYPRESS-CY62137EV30_1106 Datasheet
498Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power-down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com