Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62167EV18LL-55BVI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62167EV18LL-55BVI
Description  16 Mbit (1M x 16) Static RAM Automatic power down when deselected
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62167EV18LL-55BVI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62167EV18LL-55BVI Datasheet HTML 1Page - Cypress Semiconductor CY62167EV18LL-55BVI Datasheet HTML 2Page - Cypress Semiconductor CY62167EV18LL-55BVI Datasheet HTML 3Page - Cypress Semiconductor CY62167EV18LL-55BVI Datasheet HTML 4Page - Cypress Semiconductor CY62167EV18LL-55BVI Datasheet HTML 5Page - Cypress Semiconductor CY62167EV18LL-55BVI Datasheet HTML 6Page - Cypress Semiconductor CY62167EV18LL-55BVI Datasheet HTML 7Page - Cypress Semiconductor CY62167EV18LL-55BVI Datasheet HTML 8Page - Cypress Semiconductor CY62167EV18LL-55BVI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CY62167EV18 MoBL®
Document #: 38-05447 Rev. *L
Page 5 of 16
Thermal Resistance
Parameter[11]
Description
Test Conditions
VFBGA
(6 × 8 × 1mm)
Unit
JA
Thermal resistance
(Junction to ambient)
Still air, soldered on a 3 × 4.5 inch,
two-layer printed circuit board
55
C/W
JC
Thermal resistance
(Junction to case)
16
C/W
Figure 2. AC Test Loads and Waveforms
Parameters
1.8 V
Unit
R1
13500
R2
10800
RTH
6000
VTH
0.80
V
Data Retention Characteristics
Over the Operating Range
Parameter
Description
Conditions
Min
Typ[12]
Max
Unit
VDR
VCC for data retention
1.0
V
ICCDR
[13]
Data retention current
VCC = 1.0 V, CE1 > VCC – 0.2 V or CE2 < 0.2 V or (BHE
and BLE) > VCC – 0.2 V, VIN > VCC – 0.2 V or VIN < 0.2 V
––
10
A
tCDR
[11]
Chip deselect to data
retention time
0–
ns
tR
[14]
Operation recovery time
55
ns
Figure 3. Data Retention Waveform
VCC
VCC
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
V
Equivalent to: THÉVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1
Notes
11. Tested initially and after any design or process changes that may affect these parameters.
12. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25 °C.
13. Chip enables (CE1 and CE2), and byte enables (BHE and BLE) must be tied to CMOS levels to meet the ISB1 /ISB2 / ICCDR spec. Other inputs can be left floating.
14. Full device operation requires linear VCC ramp from VDR to VCC(min) > 100 s or stable at VCC(min) > 100 s.
15. BHE. BLE is the AND of both BHE and BLE. Deselect the chip by either disabling the chip enable signals or by disabling both BHE and BLE.
VCC(min)
VCC(min)
tCDR
VDR > 1.0 V
DATA RETENTION MODE
tR
CE1 or
VCC
BHE
.BLE
CE2
or
[15]


Similar Part No. - CY62167EV18LL-55BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167EV18LL-55BVI CYPRESS-CY62167EV18LL-55BVI Datasheet
482Kb / 13P
   16 Mbit (1M x 16) Static RAM
More results

Similar Description - CY62167EV18LL-55BVI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167EV30 CYPRESS-CY62167EV30_11 Datasheet
328Kb / 17P
   16-Mbit (1M x 16 / 2M x 8) Static RAM Automatic power-down when deselected
CY62157ESL CYPRESS-CY62157ESL_11 Datasheet
261Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62157EV18 CYPRESS-CY62157EV18_11 Datasheet
280Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62146E_1106 CYPRESS-CY62146E_1106 Datasheet
256Kb / 14P
   4-Mbit (256K x 16) Static RAM Automatic power down when deselected
CY62146ESL CYPRESS-CY62146ESL_11 Datasheet
258Kb / 15P
   4-Mbit (256K x 16) Static RAM Automatic power down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62168EV30 CYPRESS-CY62168EV30_11 Datasheet
874Kb / 16P
   16-Mbit (2 M x 8) Static RAM Automatic power-down when deselected
CY62126EV30 CYPRESS-CY62126EV30_11 Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
CY62137EV30_1106 CYPRESS-CY62137EV30_1106 Datasheet
498Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power-down when deselected
CY62137FV18 CYPRESS-CY62137FV18_11 Datasheet
493Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com