Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62167EV18 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY62167EV18
Description  16 Mbit (1M x 16) Static RAM Automatic power down when deselected
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62167EV18 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY62167EV18_11 Datasheet HTML 5Page - Cypress Semiconductor CY62167EV18_11 Datasheet HTML 6Page - Cypress Semiconductor CY62167EV18_11 Datasheet HTML 7Page - Cypress Semiconductor CY62167EV18_11 Datasheet HTML 8Page - Cypress Semiconductor CY62167EV18_11 Datasheet HTML 9Page - Cypress Semiconductor CY62167EV18_11 Datasheet HTML 10Page - Cypress Semiconductor CY62167EV18_11 Datasheet HTML 11Page - Cypress Semiconductor CY62167EV18_11 Datasheet HTML 12Page - Cypress Semiconductor CY62167EV18_11 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CY62167EV18 MoBL®
Document #: 38-05447 Rev. *L
Page 9 of 16
Figure 8. Write Cycle No. 3 (WE controlled, OE LOW)[28]
Figure 9. Write Cycle No. 4 (BHE/BLE Controlled, OE Low)[28]
Switching Waveforms (continued)
VALID DATA
tHD
tSD
tLZWE
tPWE
tSA
tHA
tAW
tSCE
tWC
tHZWE
tBW
NOTE 29
CE1
ADDRESS
CE2
WE
DATA I/O
BHE/BLE
tHD
tSD
tSA
tHA
tAW
tWC
VALID DATA
tBW
tSCE
tPWE
NOTE 29
CE1
ADDRESS
CE2
WE
DATA I/O
BHE/BLE
Notes
28. If CE1 goes HIGH and CE2 goes LOW simultaneously with WE = VIH, the output remains in a high impedance state.
29. During this period the I/Os are in output state. Do not apply input signals.


Similar Part No. - CY62167EV18_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167EV18LL-55BAXI CYPRESS-CY62167EV18LL-55BAXI Datasheet
530Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY62167EV18LL-55BAXI CYPRESS-CY62167EV18LL-55BAXI Datasheet
482Kb / 13P
   16 Mbit (1M x 16) Static RAM
CY62167EV18LL-55BVI CYPRESS-CY62167EV18LL-55BVI Datasheet
482Kb / 13P
   16 Mbit (1M x 16) Static RAM
CY62167EV18LL-55BVXI CYPRESS-CY62167EV18LL-55BVXI Datasheet
530Kb / 12P
   16-Mbit (1M x 16) Static RAM
CY62167EV18LL-55BVXI CYPRESS-CY62167EV18LL-55BVXI Datasheet
482Kb / 13P
   16 Mbit (1M x 16) Static RAM
More results

Similar Description - CY62167EV18_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62167EV30 CYPRESS-CY62167EV30_11 Datasheet
328Kb / 17P
   16-Mbit (1M x 16 / 2M x 8) Static RAM Automatic power-down when deselected
CY62157ESL CYPRESS-CY62157ESL_11 Datasheet
261Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62157EV18 CYPRESS-CY62157EV18_11 Datasheet
280Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62146E_1106 CYPRESS-CY62146E_1106 Datasheet
256Kb / 14P
   4-Mbit (256K x 16) Static RAM Automatic power down when deselected
CY62146ESL CYPRESS-CY62146ESL_11 Datasheet
258Kb / 15P
   4-Mbit (256K x 16) Static RAM Automatic power down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62168EV30 CYPRESS-CY62168EV30_11 Datasheet
874Kb / 16P
   16-Mbit (2 M x 8) Static RAM Automatic power-down when deselected
CY62126EV30 CYPRESS-CY62126EV30_11 Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
CY62137EV30_1106 CYPRESS-CY62137EV30_1106 Datasheet
498Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power-down when deselected
CY62137FV18 CYPRESS-CY62137FV18_11 Datasheet
493Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com