Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62157EV18 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY62157EV18
Description  8-Mbit (512K x 16) Static RAM Automatic power down when deselected
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157EV18 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY62157EV18 Datasheet HTML 7Page - Cypress Semiconductor CY62157EV18 Datasheet HTML 8Page - Cypress Semiconductor CY62157EV18 Datasheet HTML 9Page - Cypress Semiconductor CY62157EV18 Datasheet HTML 10Page - Cypress Semiconductor CY62157EV18 Datasheet HTML 11Page - Cypress Semiconductor CY62157EV18 Datasheet HTML 12Page - Cypress Semiconductor CY62157EV18 Datasheet HTML 13Page - Cypress Semiconductor CY62157EV18 Datasheet HTML 14Page - Cypress Semiconductor CY62157EV18 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CY62157EV18 MoBL®
Document #: 38-05490 Rev. *H
Page 11 of 16
Truth Table
CE1
CE2
WE
OE
BHE
BLE
Inputs/Outputs
Mode
Power
H
X[29]
XX
X[29]
X[29]
High-Z
Deselect/Power down
Standby (ISB)
X[29]
LX
X
X[29]
X[29]
High-Z
Deselect/Power down
Standby (ISB)
X[29]
X[29]
X
X
H
H
High-Z
Deselect/Power down
Standby (ISB)
L
H
H
L
L
L
Data out (I/O0–I/O15)Read
Active (ICC)
L
H
H
L
H
L
Data out (I/O0–I/O7);
High-Z (I/O8–I/O15)
Read
Active (ICC)
L
H
H
L
L
H
High-Z (I/O0–I/O7);
Data out (I/O8–I/O15)
Read
Active (ICC)
L
H
H
H
L
H
High-Z
Output disabled
Active (ICC)
L
H
H
H
H
L
High-Z
Output disabled
Active (ICC)
L
H
H
H
L
L
High-Z
Output disabled
Active (ICC)
LH
LX
L
L
Data in (I/O0–I/O15)
Write
Active (ICC)
LH
LX
H
L
Data in (I/O0–I/O7);
High-Z (I/O8–I/O15)
Write
Active (ICC)
LH
LX
L
H
High-Z (I/O0–I/O7);
Data in (I/O8–I/O15)
Write
Active (ICC)
Note
29. The ‘X’ (Don’t care) state for the Chip enables and Byte enables in the truth table refer to the logic state (either HIGH or LOW). Intermediate voltage levels on these
pins is not permitted.


Similar Part No. - CY62157EV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157EV18 CYPRESS-CY62157EV18 Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18LL-55BVXI CYPRESS-CY62157EV18LL-55BVXI Datasheet
500Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18LL-55BVXI CYPRESS-CY62157EV18LL-55BVXI Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157EV18 CYPRESS-CY62157EV18_09 Datasheet
484Kb / 12P
   8-Mbit (512K x 16) Static RAM
More results

Similar Description - CY62157EV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157ESL CYPRESS-CY62157ESL_11 Datasheet
261Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY7C1020D CYPRESS-CY7C1020D_11 Datasheet
458Kb / 15P
   512K (32K x 16) Static RAM Automatic power-down when deselected
CY62167EV18 CYPRESS-CY62167EV18_11 Datasheet
314Kb / 16P
   16 Mbit (1M x 16) Static RAM Automatic power down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62168EV30 CYPRESS-CY62168EV30_11 Datasheet
874Kb / 16P
   16-Mbit (2 M x 8) Static RAM Automatic power-down when deselected
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62167EV30 CYPRESS-CY62167EV30_11 Datasheet
328Kb / 17P
   16-Mbit (1M x 16 / 2M x 8) Static RAM Automatic power-down when deselected
CY62146E_1106 CYPRESS-CY62146E_1106 Datasheet
256Kb / 14P
   4-Mbit (256K x 16) Static RAM Automatic power down when deselected
CY62146ESL CYPRESS-CY62146ESL_11 Datasheet
258Kb / 15P
   4-Mbit (256K x 16) Static RAM Automatic power down when deselected
CY621282BN CYPRESS-CY621282BN Datasheet
441Kb / 12P
   1-Mbit (128K x 8) Static RAM Automatic power-down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com