Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62157ELL-55ZSXE Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62157ELL-55ZSXE
Description  8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62157ELL-55ZSXE Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62157ELL-55ZSXE Datasheet HTML 1Page - Cypress Semiconductor CY62157ELL-55ZSXE Datasheet HTML 2Page - Cypress Semiconductor CY62157ELL-55ZSXE Datasheet HTML 3Page - Cypress Semiconductor CY62157ELL-55ZSXE Datasheet HTML 4Page - Cypress Semiconductor CY62157ELL-55ZSXE Datasheet HTML 5Page - Cypress Semiconductor CY62157ELL-55ZSXE Datasheet HTML 6Page - Cypress Semiconductor CY62157ELL-55ZSXE Datasheet HTML 7Page - Cypress Semiconductor CY62157ELL-55ZSXE Datasheet HTML 8Page - Cypress Semiconductor CY62157ELL-55ZSXE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CY62157E MoBL®
Document #: 38-05695 Rev. *H
Page 5 of 18
Capacitance
Parameter[9]
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25 °C, f = 1 MHz, VCC = VCC(typ)
10
pF
COUT
Output Capacitance
10
pF
Thermal Resistance
Parameter[9]
Description
Test Conditions
44-pin TSOP II 48-ball VFBGA Unit
JA
Thermal Resistance
(Junction to Ambient)
Still Air, soldered on a 3 × 4.5 inch,
two-layer printed circuit board
77
72
°C/W
JC
Thermal Resistance
(Junction to Case)
13
8.86
°C/W
AC Test Loads and Waveforms
Figure 1. AC Test Loads and Waveforms
3 V
VCC
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
V
Equivalent to:
THEVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1
Parameters
Values
Unit
R1
1800
R2
990
RTH
639
VTH
1.77
V
Note
9. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback


Similar Part No. - CY62157ELL-55ZSXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157ELL-55ZSXE CYPRESS-CY62157ELL-55ZSXE Datasheet
607Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157ELL-55ZSXE CYPRESS-CY62157ELL-55ZSXE Datasheet
380Kb / 12P
   8-Mbit (512K x 16) Static RAM
CY62157ELL-55ZSXE CYPRESS-CY62157ELL-55ZSXE Datasheet
506Kb / 18P
   8-Mbit (512 K x 16) Static RAM
More results

Similar Description - CY62157ELL-55ZSXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY7C1049DV33 CYPRESS-CY7C1049DV33_11 Datasheet
869Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power down when deselected
CY62148ESL CYPRESS-CY62148ESL_11 Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62148E CYPRESS-CY62148E_11 Datasheet
941Kb / 16P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY7C1049CV33_1106 CYPRESS-CY7C1049CV33_1106 Datasheet
312Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM Automatic power down when deselected
CY62158EV30 CYPRESS-CY62158EV30_11 Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
CY62157ESL CYPRESS-CY62157ESL_11 Datasheet
261Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62157EV18 CYPRESS-CY62157EV18_11 Datasheet
280Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62126EV30 CYPRESS-CY62126EV30_11 Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
CY62137EV30_1106 CYPRESS-CY62137EV30_1106 Datasheet
498Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power-down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com