Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62147EV30LL-45B2XA Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY62147EV30LL-45B2XA
Description  Automotive 4-Mbit (256K x 16) Static RAM Wide voltage range: 2.20 V to 3.60 V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62147EV30LL-45B2XA Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY62147EV30LL-45B2XA Datasheet HTML 7Page - Cypress Semiconductor CY62147EV30LL-45B2XA Datasheet HTML 8Page - Cypress Semiconductor CY62147EV30LL-45B2XA Datasheet HTML 9Page - Cypress Semiconductor CY62147EV30LL-45B2XA Datasheet HTML 10Page - Cypress Semiconductor CY62147EV30LL-45B2XA Datasheet HTML 11Page - Cypress Semiconductor CY62147EV30LL-45B2XA Datasheet HTML 12Page - Cypress Semiconductor CY62147EV30LL-45B2XA Datasheet HTML 13Page - Cypress Semiconductor CY62147EV30LL-45B2XA Datasheet HTML 14Page - Cypress Semiconductor CY62147EV30LL-45B2XA Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CY62147EV30 MoBL®
Document Number: 001-66256 Rev. **
Page 11 of 15
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
45
CY62147EV30LL-45BVXA
51-85150 48-Ball Very Fine Pitch Ball Grid Array (Pb-free) [36]
Automotive-A
CY62147EV30LL-45B2XA
51-85150 48-Ball Very Fine Pitch Ball Grid Array (Pb-free) [37]
CY62147EV30LL-45ZSXA
51-85087 44-Pin Thin Small Outline Package II (Pb-free)
55
CY62147EV30LL-55ZSXE
51-85087 44-Pin Thin Small Outline Package II (Pb-free)
Automotive-E
Contact your local Cypress sales representative for availability of these parts.
Ordering Code Definitions
Temperature Range: A = Automotive-A, E = Automotive-E
Package type: ZSX = TSOP II (Pb-free), BVX = VFBGA (Pb-free) etc.
xx = Speed Grade 45 /55 ns
Low Power
Voltage Range (3V Typical)
E = Process Technology 90 nm
Buswidth = × 16
Density = 4-Mbit
Family Code: MoBL SRAM family
Company ID: CY = Cypress
CY
xx
xxx
621 4
7
E V30 LL
x
Notes
36. This BGA package is offered with single chip enable.
37. This BGA package is offered with dual chip enable.
[+] Feedback


Similar Part No. - CY62147EV30LL-45B2XA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62147EV30LL-45B2XA CYPRESS-CY62147EV30LL-45B2XA Datasheet
580Kb / 18P
   4-Mbit (256 K x 16) Static RAM
More results

Similar Description - CY62147EV30LL-45B2XA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62147EV30 CYPRESS-CY62147EV30_11 Datasheet
516Kb / 16P
   4-Mbit (256K x 16) Static RAM Wide voltage range: 2.20 V to 3.60 V
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146DV30 CYPRESS-CY62146DV30 Datasheet
406Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E Datasheet
529Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18 Datasheet
457Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33 Datasheet
403Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E_09 Datasheet
336Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY7C1041CV33 CYPRESS-CY7C1041CV33_08 Datasheet
432Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30 Datasheet
393Kb / 12P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com