Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62138FV30LL-45ZSXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62138FV30LL-45ZSXI
Description  2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62138FV30LL-45ZSXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62138FV30LL-45ZSXI Datasheet HTML 1Page - Cypress Semiconductor CY62138FV30LL-45ZSXI Datasheet HTML 2Page - Cypress Semiconductor CY62138FV30LL-45ZSXI Datasheet HTML 3Page - Cypress Semiconductor CY62138FV30LL-45ZSXI Datasheet HTML 4Page - Cypress Semiconductor CY62138FV30LL-45ZSXI Datasheet HTML 5Page - Cypress Semiconductor CY62138FV30LL-45ZSXI Datasheet HTML 6Page - Cypress Semiconductor CY62138FV30LL-45ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY62138FV30LL-45ZSXI Datasheet HTML 8Page - Cypress Semiconductor CY62138FV30LL-45ZSXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CY62138FV30 MoBL®
Document #: 001-08029 Rev. *K
Page 3 of 18
Pin Configuration
Figure 1. 36-ball VFBGA (Top View) [1]
Figure 2. 32-pin SOIC/TSOP II (Top View)
Figure 3. 32-pin TSOP I (Top View)
Figure 4. 32-pin STSOP (Top View)
A15
VCC
A13
A12
A5
CE2
WE
A7
I/O4
I/O5
A4
I/O6
I/O7
VSS
A11
A10
A1
VSS
I/O0
A2
A8
A6
A3
A0
VCC
I/O1
I/O2
I/O3
A17
NC
A16
CE1
OE
A9
A14
D
E
B
A
C
F
G
H
NC
3
2
6
5
4
1
1
2
3
4
5
6
7
8
9
10
11
14
31
32
12
13
16
15
29
30
21
22
19
20
27
28
25
26
17
18
23
24
A17
A16
A15
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
VSS
VCC
CE2
WE
OE
CE1
A6
A7
A16
A14
A12
WE
VCC
A4
A13
A8
A9
OE
TSOP I
Top View
(not to scale)
1
6
2
3
4
5
7
32
27
31
30
29
28
26
21
25
24
23
22
19
20
I/O2
I/O1
GND
I/O7
I/O4
I/O5
I/O6
I/O0
CE1
A11
A5
17
18
8
9
10
11
12
13
14
15
16
CE2
A15
A17
A10
I/O3
A1
A0
A3
A2
A6
A7
A16
A14
A12
WE
VCC
A4
A13
A8
A9
OE
STSOP
Top View
(not to scale)
30
28
29
31
24
19
23
22
21
20
18
13
17
16
15
14
11
12
I/O2
I/O1
GND
I/O7
I/O4
I/O5
I/O6
I/O0
CE1
A11
A5
9
10
32
1
2
3
4
5
6
7
8
CE2
A15
A17
A10
I/O3
A1
A0
A3
A2
26
25
26
27
Product Portfolio
Product
Range
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating ICC (mA)
Standby ISB2
(
A)
f = 1 MHz
f = fmax
Min
Typ [2]
Max
Typ [2]
Max
Typ [2]
Max
Typ [2]
Max
CY62138FV30LL
Industrial /
Automotive-A
2.2
3.0
3.6
45
1.6
2.5
13
18
1
5
Notes
1. NC pins are not connected on the die.
2. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ.), TA = 25 °C.
[+] Feedback


Similar Part No. - CY62138FV30LL-45ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138FV30LL-45ZSXI CYPRESS-CY62138FV30LL-45ZSXI Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138FV30LL-45ZSXI CYPRESS-CY62138FV30LL-45ZSXI Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138FV30LL-45ZSXI CYPRESS-CY62138FV30LL-45ZSXI Datasheet
657Kb / 16P
   2-Mbit (256K x 8) Static RAM
More results

Similar Description - CY62138FV30LL-45ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138F CYPRESS-CY62138F_11 Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62138EV30_1106 CYPRESS-CY62138EV30_1106 Datasheet
462Kb / 15P
   2-Mbit (256 K x 8) MoBL Static RAM Automatic power down when deselected
CY7C199D CYPRESS-CY7C199D_11 Datasheet
476Kb / 14P
   256 K (32 K x 8) Static RAM Automatic power-down when deselected
CY62158EV30 CYPRESS-CY62158EV30_11 Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
CY7C1049DV33 CYPRESS-CY7C1049DV33_11 Datasheet
869Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62148ESL CYPRESS-CY62148ESL_11 Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62148E CYPRESS-CY62148E_11 Datasheet
941Kb / 16P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com