Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62146E Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY62146E
Description  4-Mbit (256K x 16) Static RAM Automatic power down when deselected
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62146E Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY62146E Datasheet HTML 6Page - Cypress Semiconductor CY62146E Datasheet HTML 7Page - Cypress Semiconductor CY62146E Datasheet HTML 8Page - Cypress Semiconductor CY62146E Datasheet HTML 9Page - Cypress Semiconductor CY62146E Datasheet HTML 10Page - Cypress Semiconductor CY62146E Datasheet HTML 11Page - Cypress Semiconductor CY62146E Datasheet HTML 12Page - Cypress Semiconductor CY62146E Datasheet HTML 13Page - Cypress Semiconductor CY62146E Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CY62146E MoBL
Document Number: 001-07970 Rev. *H
Page 11 of 14
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
45
CY62146ELL-45ZSXI
51-85087 44-pin thin small outline package II (Pb-free)
Industrial
CY62146ELL-45ZSXA
51-85087 44-pin thin small outline package II (Pb-free)
Automotive-A
Contact your local Cypress sales representative for availability of these parts.
Ordering Code Definitions
Package Diagram
Figure 10. 44-Pin TSOP II, 51-85087
Temperature Range: I = Industrial, A = Automotive-A
Package type = 44-pin TSOP II (Pb-free)
Speed Grade
Separator
Low Power
E = Process Technology 90 nm
Buswidth = ×16
Density = 4-Mbit
Family Code: MoBL SRAM family
Company ID: CY = Cypress
CY
45 ZSX
621
4
6
E
LL
-
X
MAX
MIN.
DIMENSION IN MM (INCH)
(OPTIONAL)
CAN BE LOCATED
ANYWHERE IN THE
BOTTOM PKG
EJECTOR MARK
Z
A
Z
Z
Z
Z
X
A
10.058 (0.396)
10.262 (0.404)
0.597 (0.0235)
0.406 (0.0160)
0.210 (0.0083)
0.120 (0.0047)
TOP VIEW
BOTTOM VIEW
PLANE
SEATING
18.517 (0.729)
0.800 BSC
0°-5°
0.400(0.016)
0.300 (0.012)
(0.0315)
18.313 (0.721)
BASE PLANE
0.10 (.004)
PIN 1 I.D.
44
1
22
23
51-85087-*C


Similar Part No. - CY62146E

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146E CYPRESS-CY62146E Datasheet
529Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E Datasheet
309Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62146ELL CYPRESS-CY62146ELL Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62146ELL-45ZSXA CYPRESS-CY62146ELL-45ZSXA Datasheet
529Kb / 11P
   4-Mbit (256K x 16) Static RAM
More results

Similar Description - CY62146E

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146ESL CYPRESS-CY62146ESL_11 Datasheet
258Kb / 15P
   4-Mbit (256K x 16) Static RAM Automatic power down when deselected
CY62167EV18 CYPRESS-CY62167EV18_11 Datasheet
314Kb / 16P
   16 Mbit (1M x 16) Static RAM Automatic power down when deselected
CY62157ESL CYPRESS-CY62157ESL_11 Datasheet
261Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62157EV18 CYPRESS-CY62157EV18_11 Datasheet
280Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62168EV30 CYPRESS-CY62168EV30_11 Datasheet
874Kb / 16P
   16-Mbit (2 M x 8) Static RAM Automatic power-down when deselected
CY62126EV30 CYPRESS-CY62126EV30_11 Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
CY62137EV30_1106 CYPRESS-CY62137EV30_1106 Datasheet
498Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power-down when deselected
CY62137FV18 CYPRESS-CY62137FV18_11 Datasheet
493Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62136FV30 CYPRESS-CY62136FV30_11 Datasheet
534Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com