Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KDS127E Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDS127E
Description  SILICON EPITAXIAL PLANAR DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDS127E Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDS127E Datasheet HTML 1Page - KEC(Korea Electronics) KDS127E Datasheet HTML 2Page - KEC(Korea Electronics) KDS127E Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2007. 10. 31
1/3
SEMICONDUCTOR
TECHNICAL DATA
KDS127E
SILICON EPITAXIAL PLANAR DIODE
Revision No : 0
ULTRA HIGH SPEED SWITCHING APPLICATION.
FEATURES
Low Forward Voltage
Fast Reverse Recovery Time
Small Total Capacitance
Ultra- Small Surface Mount Package
MAXIMUM RATING (Ta=25
)
DIM
MILLIMETERS
A
A1
B1
C
TES6
1.6 0.05
1.0 0.05
1.6 0.05
1.2 0.05
0.50
0.2 0.05
0.5 0.05
0.12 0.05
B
D
H
J
B1
B
1
2
3
6
4
P
P
P5
5
+
_
+
_
+
_
+
_
+
_
+
_
+
_
1. D1 ANODE
2. D2 CATHODE
3. D3/D4 ANODE/CATHODE
4. D3 ANODE
5. D4 CATHODE
6. D1/D2 ANODE/CATHODE
ELECTRICAL CHARACTERISTICS (Ta=25
)
Type Name
12
3
6
5
4
U S
Marking
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum (Peak) Reverse Voltage
VRM
80
V
Reverse Voltage
VR
80
V
Maximum (Peak) Forward Current
IFM
300 *
mA
Average Forward Current
IO
100 *
mA
Surge Current (10ms)
IFSM
2 *
A
Power Dissipation
PD
200**
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF=100mA
-
-
1.2
V
Reverse Current
IR
VR=80V
-
-
0.1
A
Total Capacitance
CT
VR=6V, f=1MHz
-
-
3.5
pF
12
3
6
5
4
D1
D2
D4
D3
EQUIVALENT CIRCUIT (TOP VIEW)
* Where D1, D2, D3, D4 are used independently or simultaneously,
the Maximum Ratings per diode are 50% of those of the single diode.
** Total Rating


Similar Part No. - KDS127E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS127E KEC-KDS127E_15 Datasheet
353Kb / 3P
   SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - KDS127E

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com