Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62136FV30LL-45ZSXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62136FV30LL-45ZSXI
Description  2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62136FV30LL-45ZSXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62136FV30LL-45ZSXI Datasheet HTML 1Page - Cypress Semiconductor CY62136FV30LL-45ZSXI Datasheet HTML 2Page - Cypress Semiconductor CY62136FV30LL-45ZSXI Datasheet HTML 3Page - Cypress Semiconductor CY62136FV30LL-45ZSXI Datasheet HTML 4Page - Cypress Semiconductor CY62136FV30LL-45ZSXI Datasheet HTML 5Page - Cypress Semiconductor CY62136FV30LL-45ZSXI Datasheet HTML 6Page - Cypress Semiconductor CY62136FV30LL-45ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY62136FV30LL-45ZSXI Datasheet HTML 8Page - Cypress Semiconductor CY62136FV30LL-45ZSXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CY62136FV30 MoBL®
Document Number: 001-08402 Rev. *J
Page 3 of 16
Product Portfolio
Product
Range
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating ICC (mA)
Standby ISB2
(
A)
f = 1 MHz
f = fmax
Min
Typ [1]
Max
Typ [1]
Max
Typ [1]
Max
Typ [1]
Max
CY62136FV30LL
Industrial/Auto-A
2.2
3.0
3.6
45
1.6
2.5
13
18
1
5
Auto-E
2.2
3.0
3.6
55
2
3
15
25
1
20
Pin Configuration
Figure 1. 48-ball VFBGA Pinout [2, 3]
Figure 2. 44-pin TSOP II [2]
WE
A11
A10
A6
A0
A3
CE
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
A7
I/O0
BHE
NC
NC
A2
A1
BLE
I/O2
I/O1
I/O3
I/O4
I/O5 I/O6
I/O7
A15
A14
A13
A12
NC
NC
NC
3
26
5
4
1
D
E
B
A
C
F
G
H
A16
NC
VCC
VCC
VSS
1
2
3
4
5
6
7
8
9
11
14
31
32
36
35
34
33
37
40
39
38
12
13
41
44
43
42
16
15
29
30
A5
18
17
20
19
27
28
25
26
22
21
23
24
A6
A7
A4
A3
A2
A1
A0
A14
A15
A8
A9
A10
A11
A12
A13
NC
OE
BHE
BLE
CE
WE
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
VCC
VCC
VSS
VSS
NC
10
A16
Notes
1. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25 °C.
2. NC pins are not connected on the die.
3. Pins D3, H1, G2, H6 and H3 in the VFBGA package are address expansion pins for 4 Mb, 8 Mb, 16 Mb, and 32 Mb and 64 Mb respectively.
[+] Feedback


Similar Part No. - CY62136FV30LL-45ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62136FV30LL-45ZSXI CYPRESS-CY62136FV30LL-45ZSXI Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136FV30LL-45ZSXI CYPRESS-CY62136FV30LL-45ZSXI Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
More results

Similar Description - CY62136FV30LL-45ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137EV30_1106 CYPRESS-CY62137EV30_1106 Datasheet
498Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power-down when deselected
CY62137FV18 CYPRESS-CY62137FV18_11 Datasheet
493Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62136EV30_1106 CYPRESS-CY62136EV30_1106 Datasheet
496Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62137FV30_1106 CYPRESS-CY62137FV30_1106 Datasheet
522Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62126EV30 CYPRESS-CY62126EV30_11 Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62138FV30 CYPRESS-CY62138FV30_11 Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62138F CYPRESS-CY62138F_11 Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com