Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62128EV30LL-45SXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY62128EV30LL-45SXI
Description  1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128EV30LL-45SXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY62128EV30LL-45SXI Datasheet HTML 7Page - Cypress Semiconductor CY62128EV30LL-45SXI Datasheet HTML 8Page - Cypress Semiconductor CY62128EV30LL-45SXI Datasheet HTML 9Page - Cypress Semiconductor CY62128EV30LL-45SXI Datasheet HTML 10Page - Cypress Semiconductor CY62128EV30LL-45SXI Datasheet HTML 11Page - Cypress Semiconductor CY62128EV30LL-45SXI Datasheet HTML 12Page - Cypress Semiconductor CY62128EV30LL-45SXI Datasheet HTML 13Page - Cypress Semiconductor CY62128EV30LL-45SXI Datasheet HTML 14Page - Cypress Semiconductor CY62128EV30LL-45SXI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CY62128EV30 MoBL®
Document #: 38-05579 Rev. *J
Page 11 of 18
Truth Table
CE1
CE2
WE
OE
Inputs/Outputs
Mode
Power
HX [32]
X
X
High Z
Deselect/power-down
Standby (ISB)
X [32]
L
X
X
High Z
Deselect/power-down
Standby (ISB)
L
H
H
L
Data out
Read
Active (ICC)
L
H
L
X
Data in
Write
Active (ICC)
L
H
H
H
High Z
Selected, outputs disabled
Active (ICC)
Note
32. The ‘X’ (Don’t care) state for the Chip enables in the truth table refer to the logic state (either HIGH or LOW). Intermediate voltage levels on these pins is not permitted.
[+] Feedback


Similar Part No. - CY62128EV30LL-45SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128EV30LL-45SXI CYPRESS-CY62128EV30LL-45SXI Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY62128EV30LL-45SXI CYPRESS-CY62128EV30LL-45SXI Datasheet
884Kb / 12P
   1 Mbit (128K x 8) Static RAM
CY62128EV30LL-45SXI CYPRESS-CY62128EV30LL-45SXI Datasheet
920Kb / 15P
   1-Mbit (128 K 횞 8) Static RAM Typical standby current: 1 關A
CY62128EV30LL-45SXI CYPRESS-CY62128EV30LL-45SXI Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM
More results

Similar Description - CY62128EV30LL-45SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137EV30_1106 CYPRESS-CY62137EV30_1106 Datasheet
498Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power-down when deselected
CY62137FV18 CYPRESS-CY62137FV18_11 Datasheet
493Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62136FV30 CYPRESS-CY62136FV30_11 Datasheet
534Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62136EV30_1106 CYPRESS-CY62136EV30_1106 Datasheet
496Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62137FV30_1106 CYPRESS-CY62137FV30_1106 Datasheet
522Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62158EV30 CYPRESS-CY62158EV30_11 Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
CY621282BN CYPRESS-CY621282BN Datasheet
441Kb / 12P
   1-Mbit (128K x 8) Static RAM Automatic power-down when deselected
CY7C1049DV33 CYPRESS-CY7C1049DV33_11 Datasheet
869Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62148ESL CYPRESS-CY62148ESL_11 Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com