Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29972AIT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY29972AIT
Description  3.3 V, 125-MHz Multi-Output Zero Delay Buffer Output frequency up to 125 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29972AIT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY29972AIT Datasheet HTML 5Page - Cypress Semiconductor CY29972AIT Datasheet HTML 6Page - Cypress Semiconductor CY29972AIT Datasheet HTML 7Page - Cypress Semiconductor CY29972AIT Datasheet HTML 8Page - Cypress Semiconductor CY29972AIT Datasheet HTML 9Page - Cypress Semiconductor CY29972AIT Datasheet HTML 10Page - Cypress Semiconductor CY29972AIT Datasheet HTML 11Page - Cypress Semiconductor CY29972AIT Datasheet HTML 12Page - Cypress Semiconductor CY29972AIT Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CY29972
Document #: 38-07290 Rev. *D
Page 10 of 13
Package Drawing and Dimension
52-Lead Thin Plastic Quad Flat Pack (10 x 10 x 1.0 mm) A52B
51-85131 *A
[+] Feedback


Similar Part No. - CY29972AIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29972AIT CYPRESS-CY29972AIT Datasheet
85Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
More results

Similar Description - CY29972AIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29973 CYPRESS-CY29973_11 Datasheet
438Kb / 10P
   3.3 V 125 MHz Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973_12 Datasheet
438Kb / 10P
   3.3 V 125 MHz Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_12 Datasheet
425Kb / 13P
   3.3 V, 125-MHz Multi-Output Zero Delay Buffer
Z9973 CYPRESS-Z9973 Datasheet
97Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9974 CYPRESS-Z9974 Datasheet
93Kb / 7P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_05 Datasheet
85Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
CY29976 CYPRESS-CY29976_08 Datasheet
279Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973 Datasheet
164Kb / 8P
   3.3V 125-MHz Multi-Output Zero Delay Buffer
CY29976 CYPRESS-CY29976 Datasheet
97Kb / 10P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9972 CYPRESS-Z9972 Datasheet
87Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com