Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY29946 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part No. CY29946
Description  2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer 200-MHz clock support
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29946 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY29946_11 Datasheet HTML 1Page - Cypress Semiconductor CY29946_11 Datasheet HTML 2Page - Cypress Semiconductor CY29946_11 Datasheet HTML 3Page - Cypress Semiconductor CY29946_11 Datasheet HTML 4Page - Cypress Semiconductor CY29946_11 Datasheet HTML 5Page - Cypress Semiconductor CY29946_11 Datasheet HTML 6Page - Cypress Semiconductor CY29946_11 Datasheet HTML 7Page - Cypress Semiconductor CY29946_11 Datasheet HTML 8Page - Cypress Semiconductor CY29946_11 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CY29946
2.5 V or 3.3 V, 200-MHz,
1:10 Clock Distribution Buffer
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-07286 Rev. *G
Revised May 11, 2011
2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer
Features
2.5 V or 3.3 V operation
200-MHz clock support
Two LVCMOS-/LVTTL-compatible inputs
Ten clock outputs: drive up to 20 clock lines
1× or 1/2× configurable outputs
Output three-state control
250-ps max output-to-output skew
Pin-compatible with MPC946, MPC9446
Available in commercial and industrial temperature range
32-pin TQFP package
Description
The CY29946 is a low-voltage 200-MHz clock distribution buffer
with the capability to select one of two LVCMOS/LVTTL
compatible input clocks. These clock sources can be used to
provide for test clocks as well as the primary system clocks. All
other control inputs are LVCMOS/LVTTL compatible. The
10 outputs are LVCMOS or LVTTL compatible and can drive
50
 series or parallel terminated transmission lines. For series
terminated transmission lines, each output can drive one or two
traces giving the device an effective fanout of 1:20.
The CY29946 is capable of generating 1× and 1/2× signals from
a 1× source. These signals are generated and retimed internally
to ensure minimal skew between the 1× and 1/2× signals.
SEL(A:C) inputs allow flexibility in selecting the ratio of 1× to1/2×
outputs.
The CY29946 outputs can also be three-stated via MR/OE#
input. When MR/OE# is set HIGH, it resets the internal flip-flops
and three-states the outputs.
Block Diagram
0
1
/1
/2
R
0
1
/1
/2
R
0
1
/1
/2
R
3
3
4
QA0:2
QB0:2
QC0:3
DSELA
DSELB
DSELC
MR/OE#
TCLK1
TCLK0
TCLK_SEL
[+] Feedback


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn