Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY29946 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part No. CY29946
Description  2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer 200-MHz clock support
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29946 Datasheet(HTML) 8 Page - Cypress Semiconductor

  CY29946_11 Datasheet HTML 1Page - Cypress Semiconductor CY29946_11 Datasheet HTML 2Page - Cypress Semiconductor CY29946_11 Datasheet HTML 3Page - Cypress Semiconductor CY29946_11 Datasheet HTML 4Page - Cypress Semiconductor CY29946_11 Datasheet HTML 5Page - Cypress Semiconductor CY29946_11 Datasheet HTML 6Page - Cypress Semiconductor CY29946_11 Datasheet HTML 7Page - Cypress Semiconductor CY29946_11 Datasheet HTML 8Page - Cypress Semiconductor CY29946_11 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CY29946
Document #: 38-07286 Rev. *G
Page 8 of 9
Document History Page
Document Title: CY29946, 2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer
Document Number: 38-07286
REV.
ECN NO. Issue Date
Orig. of
Change
Description of Change
**
111097
02/07/02
BRK
New data sheet
*A
116780
08/15/02
HWT
Added the commercial temperature range in the Ordering Information
*B
122878
12/22/02
RBI
Added power-up requirements to Maximum Ratings
*C
130007
10/15/03
RGL
Fixed the block diagram.
Fixed the MK/OE# description in the pin description table.
*D
131375
11/21/03
RGL
Updated document history page (revision *C) to reflect changes that were
not listed.
*E
221587
See ECN
RGL
Minor Change: Moved up the word Block Diagram in the first page.
*F
2899714
03/26/10
BRIJ/CXQ Removed inactive parts from the ordering table. Updated package diagram
*G
3254185
05/11/2011
CXQ
Added Ordering Code Definitions.
Added Acronyms and Units of Measure.
Updated in new template.
[+] Feedback


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn