Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CY29946 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part No. CY29946
Description  2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer 200-MHz clock support
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

CY29946 Datasheet(HTML) 6 Page - Cypress Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CY29946
Document #: 38-07286 Rev. *G
Page 6 of 9
Package Drawing and Dimensions
Figure 5. 32-pin TQFP 7 × 7 × 1.0 mm A3210
Ordering Information
Part Number
Package Type
Production Flow
CY29946AXC
32-pin TQFP
Commercial, 0
C to +70 C
CY29946AXCT
32-pin TQFP – Tape and Reel
Commercial, 0
C to +70 C
CY29946AXI
32-pin TQFP
Industrial, –40
C to +85 C
CY29946AXIT
32-pin TQFP – Tape and Reel
Industrial, –40
C to +85 C
Ordering Code Definitions
T = Tape and Reel; blank = Tube
Temperature Range: X = C or I
C = Commercial; I = Industrial
Pb-free
Package: A = 32-pin TQFP
Base part number
Company ID: CY = Cypress
29946
CY
A
X
T
X
51-85063 *C
[+] Feedback


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn