Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY29946 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part No. CY29946
Description  2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer 200-MHz clock support
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29946 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY29946_11 Datasheet HTML 1Page - Cypress Semiconductor CY29946_11 Datasheet HTML 2Page - Cypress Semiconductor CY29946_11 Datasheet HTML 3Page - Cypress Semiconductor CY29946_11 Datasheet HTML 4Page - Cypress Semiconductor CY29946_11 Datasheet HTML 5Page - Cypress Semiconductor CY29946_11 Datasheet HTML 6Page - Cypress Semiconductor CY29946_11 Datasheet HTML 7Page - Cypress Semiconductor CY29946_11 Datasheet HTML 8Page - Cypress Semiconductor CY29946_11 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CY29946
Document #: 38-07286 Rev. *G
Page 5 of 9
Pulse
Generator
Z = 50 ohm
Zo = 50 ohm
VTT
Zo = 50 ohm
VTT
RT = 50 ohm
RT = 50 ohm
CY29946 DUT
Figure 1. LVCMOS_CLK CY29946 Test Reference for VCC = 3.3 V and VCC = 2.5 V
tPD
LVCMOS_CLK
Q
VCC
GND
VCC /2
VCC
GND
VCC /2
Figure 2. LVCMOS Propagation Delay (TPD) Test Reference
VCC
GND
VCC /2
tP
T0
DC = tP / T0 x 100%
Figure 3. Output Duty Cycle (FoutDC)
Figure 4. Output-to-Output Skew tsk(0)
tSK(0)
VCC
GND
VCC /2
VCC
GND
VCC /2
[+] Feedback


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn