Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY29946 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part No. CY29946
Description  2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer 200-MHz clock support
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29946 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY29946_11 Datasheet HTML 1Page - Cypress Semiconductor CY29946_11 Datasheet HTML 2Page - Cypress Semiconductor CY29946_11 Datasheet HTML 3Page - Cypress Semiconductor CY29946_11 Datasheet HTML 4Page - Cypress Semiconductor CY29946_11 Datasheet HTML 5Page - Cypress Semiconductor CY29946_11 Datasheet HTML 6Page - Cypress Semiconductor CY29946_11 Datasheet HTML 7Page - Cypress Semiconductor CY29946_11 Datasheet HTML 8Page - Cypress Semiconductor CY29946_11 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CY29946
Document #: 38-07286 Rev. *G
Page 4 of 9
AC Electrical Specifications
VDD = VDDC = 3.3 V ± 10% or 2.5 V ± 5%, over the specified temperature range[5]
Parameter
Description
Conditions
Min
Typ
Max
Unit
Fmax
Input Frequency[6]
VDD = 3.3 V
200
MHz
VDD = 2.5 V
170
Tpd
TTL_CLK To Q Delay[6]
5.0
11.5
ns
FoutDC
Output Duty Cycle[6, 7]
Measured at VDD/2
45–55
%
tpZL, tpZH
Output enable time (all outputs)
2
10
ns
tpLZ, tpHZ
Output disable time (all outputs)
2
10
ns
Tskew
Output-to-Output Skew[6, 8]
150
250
ps
Tskew(pp)
Part-to-Part Skew[9]
–2.0
4.5
ns
Tr/Tf
Output Clocks Rise/Fall Time[8] 0.8 V to 2.0 V, VDD = 3.3 V
0.10
1.0
ns
0.6 V to 1.8 V, VDD = 2.5 V
0.10
1.3
Notes
5. Parameters are guaranteed by design and characterization. Not 100% tested in production. All parameters specified with loaded outputs.
6. Outputs driving 50
 transmission lines.
7. 50% input duty cycle.
8. See Figure 1 on page 5.
9. Part-to-Part skew at a given temperature and voltage.
[+] Feedback


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn