Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29940AXCT Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY29940AXCT
Description  2.5 V or 3.3 V, 200-MHz, 1:18 Clock Distribution Buffer 200-MHz clock support
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29940AXCT Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY29940AXCT Datasheet HTML 2Page - Cypress Semiconductor CY29940AXCT Datasheet HTML 3Page - Cypress Semiconductor CY29940AXCT Datasheet HTML 4Page - Cypress Semiconductor CY29940AXCT Datasheet HTML 5Page - Cypress Semiconductor CY29940AXCT Datasheet HTML 6Page - Cypress Semiconductor CY29940AXCT Datasheet HTML 7Page - Cypress Semiconductor CY29940AXCT Datasheet HTML 8Page - Cypress Semiconductor CY29940AXCT Datasheet HTML 9Page - Cypress Semiconductor CY29940AXCT Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CY29940
Document #: 38-07283 Rev. *E
Page 8 of 10
Acronyms
Document Conventions
Units of Measure
Acronym
Description
ESD
electrostatic discharge
I/O
input/output
LQFP
low-profile quad flat package
LVCMOS
low voltage complementary metal oxide
semiconductor
LVPECL
low-voltage positive emitter-coupled logic
LVTTL
low-voltage transistor-transistor logic
TQFP
thin quad flat pack
Symbol
Unit of Measure
°C
degree Celsius
kV
kilo Volts
MHz
Mega Hertz
µA
micro Amperes
mA
milli Amperes
mm
milli meter
mV
milli Volts
ns
nano seconds
ohms
%
percent
pF
pico Farad
ps
pico seconds
VVolts
WWatts
[+] Feedback


Similar Part No. - CY29940AXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29940AXCT CYPRESS-CY29940AXCT Datasheet
256Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
More results

Similar Description - CY29940AXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29946 CYPRESS-CY29946_11 Datasheet
402Kb / 9P
   2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer 200-MHz clock support
CY29946 CYPRESS-CY29946_12 Datasheet
402Kb / 9P
   2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer
CY29948 CYPRESS-CY29948_12 Datasheet
386Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer
CY29948 CYPRESS-CY29948_11 Datasheet
386Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer LVCMOS-/LVTTL-compatible inputs
CY29940-1 CYPRESS-CY29940-1 Datasheet
200Kb / 7P
   2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940_06 Datasheet
256Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940 Datasheet
189Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29943 CYPRESS-CY29943 Datasheet
188Kb / 7P
   2.5V or 3.3V 200-MHz 1:18 Clock Distribution Buffer
CY29942 CYPRESS-CY29942 Datasheet
184Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
B9940L CYPRESS-B9940L Datasheet
182Kb / 5P
   2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com