Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29350AXIT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY29350AXIT
Description  2.5 V or 3.3 V, 200-MHz, 9-Output Clock Driver Nine Clock outputs: Drive up to 18 clock lines
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29350AXIT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY29350AXIT Datasheet HTML 1Page - Cypress Semiconductor CY29350AXIT Datasheet HTML 2Page - Cypress Semiconductor CY29350AXIT Datasheet HTML 3Page - Cypress Semiconductor CY29350AXIT Datasheet HTML 4Page - Cypress Semiconductor CY29350AXIT Datasheet HTML 5Page - Cypress Semiconductor CY29350AXIT Datasheet HTML 6Page - Cypress Semiconductor CY29350AXIT Datasheet HTML 7Page - Cypress Semiconductor CY29350AXIT Datasheet HTML 8Page - Cypress Semiconductor CY29350AXIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CY29350
2.5 V or 3.3 V, 200-MHz,
9-Output Clock Driver
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-07474 Rev. *C
Revised April 12, 2011
2.5 V or 3.3 V, 200-MHz, 9-Output Clock Driver
Features
Output frequency range: 25 MHz to 200 MHz
Input frequency range: 6.25 MHz to 31.25 MHz
2.5 V or 3.3 V operation
Split 2.5 V/3.3 V outputs
±2.5% max Output duty cycle variation
Nine Clock outputs: Drive up to 18 clock lines
Two reference clock inputs: Xtal or LVCMOS
150-ps max output-output skew
Phase-locked loop (PLL) bypass mode
Spread Aware™
Output enable/disable
Pin-compatible with MPC9350
Industrial temperature range: –40 °C to +85 °C
32-pin 1.0 mm TQFP package
Functional Description
The CY29350 is a low-voltage high-performance 200-MHz
PLL-based clock driver designed for high speed clock
distribution applications.
The CY29350 features Xtal and LVCMOS reference clock inputs
and provides nine outputs partitioned in four banks of 1, 1, 2, and
5 outputs. Bank A divides the VCO output by 2 or 4 while the
other banks divide by 4 or 8 per SEL(A:D) settings, see . These
dividers allow output to input ratios of 16:1, 8:1, 4:1, and 2:1.
Each LVCMOS compatible output can drive 50
 series or
parallel terminated transmission lines. For series terminated
transmission lines, each output can drive one or two traces giving
the device an effective fanout of 1:18.
The PLL is ensured stable given that the VCO is configured to
run between 200 MHz to 500 MHz. This allows a wide range of
output frequencies from 25 MHz to 200 MHz. The internal VCO
is running at multiples of the input reference clock set by the
feedback divider, see Table 1.
When PLL_EN is LOW, PLL is bypassed and the reference clock
directly feeds the output dividers. This mode is fully static and the
minimum input clock frequency specification does not apply.
Block Diagram
OSC
Phase
Detector
VCO
200 -
500MHz
LPF





QA
QB
QC0
QC1
QD0
QD1
QD2
QD3
QD4
SELA
PLL_EN
TCLK
REF_SEL
XIN
XOUT
FB_SEL
SELB
SELC
OE#
SELD
[+] Feedback


Similar Part No. - CY29350AXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29350AI CYPRESS-CY29350AI Datasheet
186Kb / 7P
   2.5V or 3.3V, 200-MHz, 9-Output Clock Driver
CY29350AIT CYPRESS-CY29350AIT Datasheet
186Kb / 7P
   2.5V or 3.3V, 200-MHz, 9-Output Clock Driver
More results

Similar Description - CY29350AXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29940 CYPRESS-CY29940_11 Datasheet
392Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:18 Clock Distribution Buffer 200-MHz clock support
CY29946 CYPRESS-CY29946_11 Datasheet
402Kb / 9P
   2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer 200-MHz clock support
CY29946 CYPRESS-CY29946_12 Datasheet
402Kb / 9P
   2.5 V or 3.3 V, 200-MHz, 1:10 Clock Distribution Buffer
CY29948 CYPRESS-CY29948_12 Datasheet
386Kb / 10P
   2.5 V or 3.3 V, 200-MHz, 1:12 Clock Distribution Buffer
CY29350 CYPRESS-CY29350 Datasheet
186Kb / 7P
   2.5V or 3.3V, 200-MHz, 9-Output Clock Driver
logo
ON Semiconductor
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA025_0910 ONSEMI-NBXSBA025_0910 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA008 ONSEMI-NBXSPA008 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 161.1328 MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXSBA024 ONSEMI-NBXSBA024 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBA030 ONSEMI-NBXSBA030 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 175.00 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com