Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KDR582E Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDR582E
Description  SCHOTTKY BARRIER TYPE DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR582E Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDR582E Datasheet HTML 1Page - KEC(Korea Electronics) KDR582E Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2006. 11. 23
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDR582E
SCHOTTKY BARRIER TYPE DIODE
Revision No : 0
FOR HIGH SPEED SWITCHING.
FEATURES
Low reverse current, low capacitance.
Small package : ESC.
MAXIMUM RATING (Ta=25
)
ESC
DIM
MILLIMETERS
A
B
C
D
E
1.60 0.10
1.20 0.10
0.80 0.10
0.30 0.05
0.60 0.10
D
C
1
2
E
1. ANODE
2. CATHODE
F
0.13 0.05
F
+
_
+
_
+
_
+
_
+
_
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
)
Type Name
Marking
S4
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VR
4
V
Reverse Voltage
VR
4
V
Forward Current
IF
130
mA
Power Dissipation
PD*
150
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF=0.1mA
0.2
-
0.35
V
IF=1mA
0.25
-
0.45
IF=10mA
0.35
-
0.6
Reverse Current
IR
VR=3V
-
-
0.25
A
VR=3V, TA=60
-
-
1.25
Total Capacitance
CT
VR=0V, f=1MHz
0.4
-
0.75
pF
Series Resistance
rS
IF=5mA, f=10kHz
-
-
15
* Mounted on a glass epoxy circuit board of 20
20
, Pad Dimension of 4
4


Similar Part No. - KDR582E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR582F KEC-KDR582F Datasheet
348Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
KDR582S KEC-KDR582S Datasheet
47Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - KDR582E

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB14 KEC-SMAB14_08 Datasheet
218Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB34 KEC-SMAB34_07 Datasheet
436Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMBB34 KEC-SMBB34 Datasheet
438Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMFB23 KEC-SMFB23_08 Datasheet
36Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com