Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25402SXC-XXXT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY25402SXC-XXXT
Description  Two PLL Programmable Clock Generator with Spread Spectrum
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25402SXC-XXXT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY25402SXC-XXXT Datasheet HTML 1Page - Cypress Semiconductor CY25402SXC-XXXT Datasheet HTML 2Page - Cypress Semiconductor CY25402SXC-XXXT Datasheet HTML 3Page - Cypress Semiconductor CY25402SXC-XXXT Datasheet HTML 4Page - Cypress Semiconductor CY25402SXC-XXXT Datasheet HTML 5Page - Cypress Semiconductor CY25402SXC-XXXT Datasheet HTML 6Page - Cypress Semiconductor CY25402SXC-XXXT Datasheet HTML 7Page - Cypress Semiconductor CY25402SXC-XXXT Datasheet HTML 8Page - Cypress Semiconductor CY25402SXC-XXXT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CY25402/CY25422/CY25482
Two PLL Programmable Clock Generator
with Spread Spectrum
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-12565 Rev. *F
Revised April 20, 2011
Features
Two fully integrated phase locked loops (PLLs)
Input frequency range
External crystal: 8 to 48 MHz
External reference: 8 to 166 MHz clock
Reference clock input voltage range
2.5 V, 3.0 V, and 3.3 V for CY25482
1.8 V for CY25402 and CY25422
Wide operating output frequency range
3 to 166 MHz
Programmable spread spectrum with center and down spread
option and lexmark and linear modulation profiles
VDD supply voltage options:
2.5 V, 3.0 V, and 3.3 V for CY25402 and CY25482
1.8 V for CY25422
Selectable output clock voltages independent of VDD:
2.5 V, 3.0 V, and 3.3 V for CY25402 and CY25482
1.8 V for CY25422
Frequency select feature with option to select four different
frequencies
Power-down, Output Enable, and SS ON/OFF controls
Low jitter, high accuracy outputs
Ability to synthesize nonstandard frequencies with Fractional-N
capability
Three clock outputs with programmable drive strength
Glitch-free outputs while frequency switching
8-pin small outline integrated circuit (SOIC) package
Commercial and Industrial temperature ranges
Benefits
Multiple high performance PLLs allow synthesis of unrelated
frequencies
Nonvolatile programming for personalization of PLL
frequencies, spread spectrum characteristics, drive strength,
crystal load capacitance, and output frequencies
Application specific programmable EMI reduction using spread
spectrum for clocks
Programmable PLLs for system frequency margin tests
Meets critical timing requirements in complex system designs
Suitability for PC, consumer, portable, and networking
applications
Capable of zero parts per million (PPM) frequency synthesis
error
Uninterrupted system operation during clock frequency switch
Application compatibility in standard and low power systems
Block Diagram
OSC
CLK2
REFOUT
CLK1
Crossbar
Switch
FS1
SSON
XOUT
XIN/
EXCLKIN
PD#/OE
PLL 2
(SS)
FS0
MUX
and
Control
Logic
PLL 1
(SS)
Output
Dividers
and
Drive
Strength
Control


Similar Part No. - CY25402SXC-XXXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25402SXC-XXXT CYPRESS-CY25402SXC-XXXT Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402SXC-XXXT CYPRESS-CY25402SXC-XXXT Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
More results

Similar Description - CY25402SXC-XXXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25402 CYPRESS-CY25402_07 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403_11 Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY2545 CYPRESS-CY2545 Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545_0710 CYPRESS-CY2545_0710 Datasheet
334Kb / 15P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545 CYPRESS-CY2545_11 Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com