Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25402SXC-XXXT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY25402SXC-XXXT
Description  Two PLL Programmable Clock Generator with Spread Spectrum
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25402SXC-XXXT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY25402SXC-XXXT Datasheet HTML 3Page - Cypress Semiconductor CY25402SXC-XXXT Datasheet HTML 4Page - Cypress Semiconductor CY25402SXC-XXXT Datasheet HTML 5Page - Cypress Semiconductor CY25402SXC-XXXT Datasheet HTML 6Page - Cypress Semiconductor CY25402SXC-XXXT Datasheet HTML 7Page - Cypress Semiconductor CY25402SXC-XXXT Datasheet HTML 8Page - Cypress Semiconductor CY25402SXC-XXXT Datasheet HTML 9Page - Cypress Semiconductor CY25402SXC-XXXT Datasheet HTML 10Page - Cypress Semiconductor CY25402SXC-XXXT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CY25402/CY25422/CY25482
Document #: 001-12565 Rev. *F
Page 7 of 14
DC Electrical Specifications
Parameter
Description
Conditions
Min
Typ
Max
Unit
VOL
Output low voltage
IOL = 2 mA, drive strength = [00]
0.4
V
IOL = 3 mA, drive strength = [01]
IOL = 7 mA, drive strength = [10]
IOL = 12 mA, drive strength = [11]
VOH
Output high voltage
IOH = –2 mA, drive strength = [00]
VDD – 0.4
V
IOH = –3 mA, drive strength = [01]
IOH = –7 mA, drive strength = [10]
IOH = –12 mA, drive strength = [11]
VIL1
Input low voltage of PD#/OE, FS0, FS1
and SSON
––
0.2*VDD
V
VIL2
Input low voltage of EXCLKIN
0.18
V
VIH1
Input High Voltage of PD#/OE, FS0,
FS1 and SSON
–0.8*VDD
––
V
VIH2
Input high voltage of EXCLKIN for
CY25402/CY25422
–1.62
2.2
V
VIH3
Input high voltage of EXCLKIN for
CY25482
–0.8*VDD
––
V
IIL
Input low current, PD#/OE/FS1
VIN = 0V
10
µA
IIH
Input high current, PD#/OE/FS1
VIN = VDD
––
10
µA
IILDN
Input low current, SSON and FS0 pins VIN = 0V (Internal pull down resistor
= 160k typ.)
––
10
µA
IIHDN
Input high current, SSON and FS0 pins VIN = VDD (Internal pull down
resistor = 160k typ.)
14
36
µA
RDN
Pull-down resistor of CLK1,
REFOUT/FS0 and CLK2/SSON pins
Output clocks in off state by setting
PD# = Low
100
160
250
k
IDD
[1,2]
Supply current for
CY25422
PD# = High, No load
–12
mA
Supply current for
CY25402/CY25482
PD# = High, No load
–14
mA
IDDS
[1]
Standby current
PD# = Low
–3
µA
CIN
[2]
Input capacitance
SSON, PD#/OE/
FS1 and FS0 pins
––
7
pF
Notes
1. Guaranteed by design but not 100% tested
2. Configuration dependent.


Similar Part No. - CY25402SXC-XXXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25402SXC-XXXT CYPRESS-CY25402SXC-XXXT Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402SXC-XXXT CYPRESS-CY25402SXC-XXXT Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
More results

Similar Description - CY25402SXC-XXXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25402 CYPRESS-CY25402_07 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403_11 Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY2545 CYPRESS-CY2545 Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545_0710 CYPRESS-CY2545_0710 Datasheet
334Kb / 15P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545 CYPRESS-CY2545_11 Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com