Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22801KFXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY22801KFXI
Description  Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22801KFXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY22801KFXI Datasheet HTML 1Page - Cypress Semiconductor CY22801KFXI Datasheet HTML 2Page - Cypress Semiconductor CY22801KFXI Datasheet HTML 3Page - Cypress Semiconductor CY22801KFXI Datasheet HTML 4Page - Cypress Semiconductor CY22801KFXI Datasheet HTML 5Page - Cypress Semiconductor CY22801KFXI Datasheet HTML 6Page - Cypress Semiconductor CY22801KFXI Datasheet HTML 7Page - Cypress Semiconductor CY22801KFXI Datasheet HTML 8Page - Cypress Semiconductor CY22801KFXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
CY22801
Document #: 001-15571 Rev. *E
Page 4 of 23
External Reference Crystal/Clock Input
CY22801 can accept external reference clock input as well as
crystal input. External reference clock input frequency range is
from 1MHz to 133 MHz.
The input crystal oscillator of the CY22801 is an important
feature because of the flexibility it provides in selecting a crystal
as a reference clock source. The oscillator inverter has
programmable gain, enabling maximum compatibility with a
reference
crystal,
based
on
manufacturer,
process,
performance, and quality.
Input load capacitors are placed on the CY22801 die to reduce
external
component
cost.
These
capacitors
are
true
parallel-plate capacitors, designed to reduce the frequency shift
that occurs when non-linear load capacitance is affected by load,
bias, supply, and temperature changes.
The value of the input load capacitors is determined by eight bits
in a programmable register. Total load capacitance is determined
by the formula:
CapLoad = (CL – CBRD – CCHIP)/0.09375 pF
In CyClocksRT, enter the crystal capacitance (CL). The value of
CapLoad is determined automatically and programmed into the
CY22801.
Output Clock Frequencies
The CY22801 is a very flexible clock generator with up to three
individual outputs, generated from an integrated PLL.
See Figure 2 for details.
The output of the PLL runs at high frequency and is divided down
to generate the output clocks. Two programmable dividers are
available for this purpose. Therefore, although the output clocks
may have different frequencies, they must be related, based on
the PLL frequency.
It is also possible to direct the reference clock input to any of the
outputs, thereby bypassing the PLL. Lastly, the reference clock
may be passed through either divider.
Figure 2. Basic PLL Block Diagram
VCXO
One of the key components of the CY22801 device is the VCXO.
The VCXO is used to ‘pull’ the reference crystal higher or lower
to lock the system frequency to an external source. This is ideal
for applications where the output frequency needs to track along
with an external reference frequency that is constantly shifting.
A special pullable crystal must be used to have adequate VCXO
pull range. Pullable crystal specifications are included in this
datasheet.
VCXO is not compatible with Spread spectrum and Serial
Interface.
VCXO Profile
Figure 3 shows an example of a VCXO profile. The analog
voltage input is on the X-axis and the PPM range is on the Y-axis.
An increase in the VCXO input voltage results in a corresponding
increase in the output frequency. This moves the PPM from a
negative to positive offset.
Figure 3. VCXO Profile
Spread Spectrum Clock Generation (SSCG)
Spread spectrum clock generation (SSCG) in CY22801 helps to
reduce EMI found in today’s high-speed digital electronic
systems.
The device uses the proprietary spread spectrum clock (SSC)
technology to synthesize and modulate the frequency of the
input clock. By modulating the frequency of the clock, the
measured EMI at the fundamental and harmonic frequencies is
greatly reduced. This reduction in radiated energy can
significantly reduce the cost of complying with the regulatory
agency electromagnetic compatibility (EMC) requirements and
improve time to market without degrading system performance.
Programmed spread spectrum modulation will appear same on
all three clock outputs as they come from same PLL even if
operating at different frequencies. Spread spectrum is not
compatible with VCXO feature.
CLKC
Crosspoint
Switch
Matrix
REF
(XIN/CLKIN)
/P
PFD
VCO
/Q
CLKB
CLKA
Post
Divider
1N
Post
Divider
2N
-200
-150
-100
-50
0
50
100
150
200
00.5
11.5
22.5
33.5
VCXO input [V]
[+] Feedback


Similar Part No. - CY22801KFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22801KFXI CYPRESS-CY22801KFXI Datasheet
254Kb / 7P
   Universal Programmable Clock Generator
CY22801KFXI CYPRESS-CY22801KFXI Datasheet
453Kb / 25P
   Universal Programmable Clock Generator (UPCG)
CY22801KFXIT CYPRESS-CY22801KFXIT Datasheet
254Kb / 7P
   Universal Programmable Clock Generator
CY22801KFXIT CYPRESS-CY22801KFXIT Datasheet
453Kb / 25P
   Universal Programmable Clock Generator (UPCG)
More results

Similar Description - CY22801KFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22800 CYPRESS-CY22800_07 Datasheet
547Kb / 10P
   Universal Programmable Clock Generator (UPCG)
logo
AMI SEMICONDUCTOR
FS7140-01 AMI-FS7140-01 Datasheet
981Kb / 15P
   Programmable Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS7140 ONSEMI-FS7140 Datasheet
300Kb / 17P
   Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
FS714X ONSEMI-FS714X Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7145-01-XTD ONSEMI-FS7145-01-XTD Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_12 Datasheet
453Kb / 25P
   Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801 Datasheet
255Kb / 7P
   Universal Programmable Clock Generator (UPCG)
CY2410 CYPRESS-CY2410 Datasheet
432Kb / 13P
   MPEG Clock Generator with VCXO Integrated phase-locked loop (PLL)
logo
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
   Phase-Locked Loop Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com