Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22150ZXI-XXXT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY22150ZXI-XXXT
Description  One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22150ZXI-XXXT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY22150ZXI-XXXT Datasheet HTML 3Page - Cypress Semiconductor CY22150ZXI-XXXT Datasheet HTML 4Page - Cypress Semiconductor CY22150ZXI-XXXT Datasheet HTML 5Page - Cypress Semiconductor CY22150ZXI-XXXT Datasheet HTML 6Page - Cypress Semiconductor CY22150ZXI-XXXT Datasheet HTML 7Page - Cypress Semiconductor CY22150ZXI-XXXT Datasheet HTML 8Page - Cypress Semiconductor CY22150ZXI-XXXT Datasheet HTML 9Page - Cypress Semiconductor CY22150ZXI-XXXT Datasheet HTML 10Page - Cypress Semiconductor CY22150ZXI-XXXT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CY22150
Document #: 38-07104 Rev. *K
Page 7 of 18
Stable operation of the CY22150 cannot be guaranteed if the
value of (Ptotal*(REF/Qtotal)) is above 400 MHz or below
100 MHz.
PLL Post Divider Options [0CH(7..0)], [47H(7..0)]
The output of the VCO is routed through two independent
muxes, then to two divider banks to determine the final clock
output frequency. The mux determines if the clock signal feeding
into the divider banks is the calculated VCO frequency or REF.
There are two select muxes (DIV1SRC and DIV2SRC) and two
divider banks (Divider Bank 1 and Divider Bank 2) used to
determine this clock signal. The clock signal passing through
DIV1SRC and DIV2SRC is referred to as DIV1CLK and
DIV2CLK, respectively.
The divider banks have four unique divider options available: /2,
/3, /4, and /DIVxN. DIVxN is a variable that can be independently
programmed (DIV1N and DIV2N) for each of the two divider
banks. The minimum value of DIVxN is 4. The maximum value
of DIVxN is 127. A value of DIVxN below 4 is not guaranteed to
work properly.
DIV1SRC is a single bit variable, controlled by register 0CH. The
remaining seven bits of register 0CH determine the value of post
divider DIV1N.
DIV2SRC is a single bit variable, controlled by register 47H. The
remaining seven bits of register 47H determine the value of post
divider DIV2N.
Register 0CH and 47H are defined in Table 8.
Charge Pump Settings [40H(2..0)]
The correct pump setting is important for PLL stability. Charge
pump settings are controlled by bits (4..2) of register 40H, and
are dependent on internal variable PB (see “PLL Frequency, P
Counter[40H(1..0)], [41H(7..0)], [42H(7)]”). Table 9 on page 7
summarizes the proper charge pump settings, based on Ptotal.
See Table 10 on page 7 for register 40H bit locations and values.
Although using the above table guarantees stability, it is recommended to use the Print Preview function in CyClocksRT to determine
the correct charge pump settings for optimal jitter performance.
PLL stability cannot be guaranteed for values below 16 and above 1023. If values above 1023 are needed, use CyClocksRT to
determine the best charge pump setting.
Table 6. Input Load Capacitor Register Bit Settings
Address
D7
D6
D5
D4
D3
D2
D1
D0
13H
CapLoad(7)
CapLoad(6)
CapLoad(5)
CapLoad(4)
CapLoad(3)
CapLoad(2)
CapLoad(1)
CapLoad(0)
Table 7. P Counter and Q Counter Register Definition
Address
D7
D6
D5
D4
D3
D2
D1
D0
40H
1
1
0
Pump(2)
Pump(1)
Pump(0)
PB(9)
PB(8)
41H
PB(7)
PB(6)
PB(5)
PB(4)
PB(3)
PB(2)
PB(1)
PB(0)
42H
PO
Q(6)
Q(5)
Q(4)
Q(3)
Q(2)
Q(1)
Q(0)
Table 8. PLL Post Divider Options
Address
D7
D6
D5
D4
D3
D2
D1
D0
0CH
DIV1SRC
DIV1N(6)
DIV1N(5)
DIV1N(4)
DIV1N(3)
DIV1N(2)
DIV1N(1)
DIV1N(0)
47H
DIV2SRC
DIV2N(6)
DIV2N(5)
DIV2N(4)
DIV2N(3)
DIV2N(2)
DIV2N(1)
DIV2N(0)
Table 9. Charge Pump Settings
Charge Pump Setting – Pump(2..0)
Calculated Ptotal
000
16 – 44
001
45 – 479
010
480 – 639
011
640 – 799
100
800 – 1023
101, 110, 111
Do not use – device will be unstable
Table 10. Register 40H Change Pump Bit Settings
Address
D7
D6
D5
D4
D3
D2
D1
D0
40H
1
1
0
Pump(2)
Pump(1)
Pump(0)
PB(9)
PB(8)
[+] Feedback


Similar Part No. - CY22150ZXI-XXXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22150ZXI-xxxT CYPRESS-CY22150ZXI-xxxT Datasheet
389Kb / 16P
   One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
More results

Similar Description - CY22150ZXI-XXXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22050 CYPRESS-CY22050_11 Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
CY22050 CYPRESS-CY22050_09 Datasheet
282Kb / 10P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22050 CYPRESS-CY22050 Datasheet
156Kb / 9P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22150 CYPRESS-CY22150 Datasheet
211Kb / 13P
   One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
CY22150 CYPRESS-CY22150_09 Datasheet
389Kb / 16P
   One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com