Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY23EP05SXC-1HT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY23EP05SXC-1HT
Description  2.5 V or 3.3 V,10-220-MHz, Low Jitter, 5 Output Zero Delay Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23EP05SXC-1HT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY23EP05SXC-1HT Datasheet HTML 1Page - Cypress Semiconductor CY23EP05SXC-1HT Datasheet HTML 2Page - Cypress Semiconductor CY23EP05SXC-1HT Datasheet HTML 3Page - Cypress Semiconductor CY23EP05SXC-1HT Datasheet HTML 4Page - Cypress Semiconductor CY23EP05SXC-1HT Datasheet HTML 5Page - Cypress Semiconductor CY23EP05SXC-1HT Datasheet HTML 6Page - Cypress Semiconductor CY23EP05SXC-1HT Datasheet HTML 7Page - Cypress Semiconductor CY23EP05SXC-1HT Datasheet HTML 8Page - Cypress Semiconductor CY23EP05SXC-1HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CY23EP05
Document #: 38-07759 Rev. *C
Page 5 of 15
Notes
7. For the given maximum loading conditions. See CL in Operating Conditions Table.
8. Parameter is guaranteed by design and characterization. Not 100% tested in production.
2.5-V DC Electrical Specifications
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
VDD
Supply voltage
2.3
2.5
2.7
V
VIL
Input LOW voltage
0.7
V
VIH
Input HIGH voltage
1.7
VDD + 0.3
V
IIL
Input leakage current
0 < VIN < VDD
–10
10
μA
IIH
Input HIGH current
VIN = VDD
100
μA
VOL
Output LOW voltage
IOL = 8 mA (standard drive)
IOL = 12 mA (high drive)
–0.5
0.5
V
V
VOH
Output HIGH voltage
IOH = –8 mA (standard drive)
IOH = –12 mA (high drive)
VDD – 0.6
VDD – 0.6
––
V
V
IDD (PD mode)
Power Down supply current
REF = 0 MHz (commercial)
12
μA
REF = 0 MHz (industrial)
25
μA
IDD
Supply current
Unloaded outputs, 66-MHz REF
45
mA
3.3-V and 2.5-V AC Electrical Specifications
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
1/t1
Maximum frequency[7]
(input/output)
3.3 V high drive
10
220
MHz
3.3 V standard drive
10
167
MHz
2.5 V high drive
10
200
MHz
2.5 V standard drive
10
133
MHz
TIDC
Input duty cycle
< 133.3 MHz
25
75
%
> 133.3 MHz
40
60
%
t2 ÷ t1
Output duty cycle[8]
< 133.3 MHz
47
53
%
> 133.3 MHz
45
55
%
t3,t4
Rise, fall time (3.3 V)[8]
Std drive, CL = 30 pF, < 100 MHz
1.6
ns
Std drive, CL = 22 pF, < 133.3 MHz
1.6
ns
Std drive, CL = 15 pF, < 167 MHz
0.6
ns
High drive, CL = 30 pF, < 100 MHz
1.2
ns
High drive, CL = 22 pF, < 133.3 MHz
1.2
ns
High drive, CL = 15 pF, > 133.3 MHz
0.5
ns
t3, t4
Rise, fall time (2.5 V)[8]
Std drive, CL = 15 pF, < 133.33 MHz
1.5
ns
High drive, CL = 30 pF, < 100 MHz
2.1
ns
High drive, CL = 22 pF, < 133.3 MHz
1.3
ns
High drive, CL = 15 pF, > 133.3 MHz
1.2
ns
t5
Output to output skew [8]
All outputs equally loaded
30
100
ps
t6
Delay, REF rising edge to
CLKOUT rising edge[8]
PLL enabled at 3.3 V
–100
100
ps
PLL enabled at 2.5 V
–200
200
ps
t7
Part to part skew[8]
Measured at VDD/2.
Any output to any output, 3.3 V supply
–150
150
ps
Measured at VDD/2.
Any output to any output, 2.5 V supply
–300
300
ps
[+] Feedback


Similar Part No. - CY23EP05SXC-1HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23EP05SXC-1HT CYPRESS-CY23EP05SXC-1HT Datasheet
392Kb / 12P
   2.5V or 3.3V,10- 220 MHz, Low Jitter, 5 Output Zero Delay Buffer
More results

Similar Description - CY23EP05SXC-1HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23EP09 CYPRESS-CY23EP09_11 Datasheet
655Kb / 17P
   2.5 V or 3.3 V, 10-220 MHz, Low Jitter, 9-Output Zero Delay Buffer
CY23EP05 CYPRESS-CY23EP05 Datasheet
392Kb / 12P
   2.5V or 3.3V,10- 220 MHz, Low Jitter, 5 Output Zero Delay Buffer
CY29352 CYPRESS-CY29352_11 Datasheet
443Kb / 10P
   2.5 V or 3.3 V, 200 MHz, 11 Output Zero Delay Buffer
CY29352 CYPRESS-CY29352_12 Datasheet
443Kb / 10P
   2.5 V or 3.3 V, 200 MHz, 11 Output Zero Delay Buffer
CY23EP09 CYPRESS-CY23EP09 Datasheet
355Kb / 13P
   2.5V or 3.3V, 10-220 MHz, Low Jitter, 9-Output Zero Delay Buffer
CY23FS08 CYPRESS-CY23FS08_12 Datasheet
456Kb / 15P
   Failsafe??2.5 V/3.3 V Zero Delay Buffer
CY23FS04-3 CYPRESS-CY23FS04-3 Datasheet
458Kb / 13P
   Failsafe??2.5 V/3.3 V Zero Delay Buffer
CY23FS08 CYPRESS-CY23FS08_11 Datasheet
456Kb / 15P
   Failsafe??2.5 V/3.3 V Zero Delay Buffer
CY29972 CYPRESS-CY29972_12 Datasheet
425Kb / 13P
   3.3 V, 125-MHz Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973_11 Datasheet
438Kb / 10P
   3.3 V 125 MHz Multi-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com