Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14V104NA-BA45XI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY14V104NA-BA45XI
Description  4-Mbit (512 K x 8 / 256 K x 16) nvSRAM 25 ns and 45 ns access times
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14V104NA-BA45XI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY14V104NA-BA45XI Datasheet HTML 5Page - Cypress Semiconductor CY14V104NA-BA45XI Datasheet HTML 6Page - Cypress Semiconductor CY14V104NA-BA45XI Datasheet HTML 7Page - Cypress Semiconductor CY14V104NA-BA45XI Datasheet HTML 8Page - Cypress Semiconductor CY14V104NA-BA45XI Datasheet HTML 9Page - Cypress Semiconductor CY14V104NA-BA45XI Datasheet HTML 10Page - Cypress Semiconductor CY14V104NA-BA45XI Datasheet HTML 11Page - Cypress Semiconductor CY14V104NA-BA45XI Datasheet HTML 12Page - Cypress Semiconductor CY14V104NA-BA45XI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
CY14V104LA
CY14V104NA
Document #: 001-53954 Rev. *F
Page 9 of 22
VIH
Input HIGH voltage
0.7 × VCCQ
–VCCQ + 0.3
V
VIL
Input LOW voltage
– 0.3
0.3 × VCCQ
V
VOH
Output HIGH voltage
IOUT = –1 mA
VCCQ – 0.45
V
VOL
Output LOW voltage
IOUT = 2 mA
0.45
V
DC Electrical Characteristics (continued)
Over the Operating Range
Parameter
Description
Test Conditions
Min
Typ [9]
Max
Unit
Data Retention and Endurance
Over the Operating Range
Parameter
Description
Min
Unit
DATAR
Data retention
20
Years
NVC
Non-volatile STORE operation
1,000
K
Capacitance
Parameter[12]
Description
Test Conditions
Max
Unit
CIN
Input capacitance (except BLE,
BHE and HSB)
TA = 25 C, f = 1 MHz, VCC = VCC (Typ), VCCQ = VCCQ (Typ)
7
pF
Input capacitance (for BLE, BHE
and HSB)
8pF
COUT
Output capacitance (except HSB)7
pF
Output capacitance (for HSB)8
pF
Thermal Resistance
In the following table, the thermal resistance parameters are listed.
Parameter[12]
Description
Test Conditions
48-ball FBGA Unit
JA
Thermal resistance
(junction to ambient)
Test conditions follow standard test methods and proce-
dures for measuring thermal impedance, in accordance
with EIA/JESD51.
46.09
C/W
JC
Thermal resistance
(junction to case)
7.84
C/W
Note
12. These parameters are guaranteed by design but not tested.
[+] Feedback


Similar Part No. - CY14V104NA-BA45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14V101LA CYPRESS-CY14V101LA Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14V101LA-BA25XI CYPRESS-CY14V101LA-BA25XI Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14V101LA-BA25XIT CYPRESS-CY14V101LA-BA25XIT Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14V101LA-BA45XI CYPRESS-CY14V101LA-BA45XI Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14V101LA-BA45XIT CYPRESS-CY14V101LA-BA45XIT Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
More results

Similar Description - CY14V104NA-BA45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104LA_1106 CYPRESS-CY14B104LA_1106 Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14B104K_1106 CYPRESS-CY14B104K_1106 Datasheet
1Mb / 35P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM with Real Time Clock 25 ns and 45 ns access times
CY14B104NA-ZS25XI CYPRESS-CY14B104NA-ZS25XI Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
STK12C68 CYPRESS-STK12C68_11 Datasheet
1Mb / 24P
   64 Kbit (8K x 8) AutoStore nvSRAM 25 ns, 35 ns, and 45 ns access times
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B108K CYPRESS-CY14B108K_11 Datasheet
1,014Kb / 31P
   8 Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B108K_1106 CYPRESS-CY14B108K_1106 Datasheet
1Mb / 33P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B108L_1106 CYPRESS-CY14B108L_1106 Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com